Electronic Components Datasheet Search
  English  ▼

X  

A123HI Datasheet (PDF) - MicroPower Direct, LLC

A123HI Datasheet PDF - MicroPower Direct, LLC
Part # A123HI
Download  A123HI Download
File Size   202.95 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Ultra-High Isolation, 1.5W Single & Dual Output DC/DC Converters

A123HI Datasheet (PDF)

Go To PDF Page Download Datasheet
A123HI Datasheet PDF - MicroPower Direct, LLC

Part # A123HI
Download  A123HI Click to download

File Size   202.95 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Ultra-High Isolation, 1.5W Single & Dual Output DC/DC Converters

A123HI Datasheet (HTML) - MicroPower Direct, LLC


A123HI Product details

Key Features:
• 1.5W Output Power
• 8,000 VDC Isolation
• 2 µA Leakage Current Max
• Compact DIP Case
• Single & Dual Outputs
• Meets EN55022 Class A
• 1.0 MH MTBF
• Industry Standard Pin-Out




Similar Part No. - A123HI

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A123HI MPD-A123HI Datasheet
203Kb / 2P
A100HI SERIES
More results


Similar Description - A123HI

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MAU400 TOTAL-POWER-MAU400 Datasheet
338Kb / 6P
1W, Ultra High Isolation SIP SINGLE AND DUAL OUTPUT DC/DC Converters
logo
Minmax Technology Co., ...
MIR500 MINMAX-MIR500 Datasheet
236Kb / 6P
2W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
S2E00 MINMAX-S2E00 Datasheet
237Kb / 6P
1.5W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
MDHU100 MINMAX-MDHU100 Datasheet
172Kb / 7P
2W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
MFU100 MINMAX-MFU100 Datasheet
156Kb / 6P
1W, Ultra-Miniature, High Isolation, Single Output DC/DC Converters
MIHW3000 MINMAX-MIHW3000 Datasheet
173Kb / 8P
5-6W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A100ERU MPD-A100ERU Datasheet
211Kb / 2P
Single & Dual Output, 1.5W Ultra-Wide Input Range DC/DC Converters
logo
MPS Industries, Inc.
ADC400 MPSIND-ADC400 Datasheet
171Kb / 2P
1W, Ultra-High Isolation SIP, Single & Dual Output DC/DC Converters
logo
Microdc power Technolog...
B-XD-1W5 MICRODC-B-XD-1W5 Datasheet
848Kb / 3P
Isolated 1.5W Single Output DC-DC Converters
3RB-XD MICRODC-3RB-XD Datasheet
459Kb / 2P
Isolated 1.5W Single Output DC-DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com