Electronic Components Datasheet Search
  English  ▼

X  

AEH80US07 Datasheet (PDF) - XP Power Limited

AEH80US07 Datasheet PDF - XP Power Limited
Part # AEH80US07
Download  AEH80US07 Download
File Size   377.53 Kbytes
Page   4 Pages
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited
Description AC-DC Power Supplies

AEH80US07 Datasheet (PDF)

Go To PDF Page Download Datasheet
AEH80US07 Datasheet PDF - XP Power Limited

Part # AEH80US07
Download  AEH80US07 Click to download

File Size   377.53 Kbytes
Page   4 Pages
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited
Description AC-DC Power Supplies

AEH80US07 Datasheet (HTML) - XP Power Limited


AEH80US07 Product details

AC-DC Power Supplies

45-130 Watts AEH Series

• Output Voltages from 2.5 V to 48 V
• Non-standard Outputs Available
• Universal Input
• Single & Multiple Output Versions
• 0 °C to +70 °C Operating Temperature
• Efficiency up to 80%
• Non-standard Connectors Available




Similar Part No. - AEH80US07

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEH80 ASTEC-AEH80 Datasheet
1Mb / 2P
80Amps
AEH80 ASTEC-AEH80 Datasheet
2Mb / 17P
Industry Standard 쩍 Brick: 36V-75V Input / 80A Output Current
logo
Emerson Network Power
AEH80 EMERSON-NETWORKPOWER-AEH80 Datasheet
1Mb / 2P
Ultra High Efficiency
logo
Astec America, Inc
AEH80K48 ASTEC-AEH80K48 Datasheet
1Mb / 2P
80Amps
AEH80K48 ASTEC-AEH80K48 Datasheet
2Mb / 17P
Industry Standard 쩍 Brick: 36V-75V Input / 80A Output Current
More results


Similar Description - AEH80US07

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
AC-DC Power Supplies
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
AC-DC Power Supplies
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
AC-DC Power Supplies
SDR250AS05-F XPPOWER-SDR250AS05-F Datasheet
285Kb / 4P
AC-DC Power Supplies
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com