Electronic Components Datasheet Search
  English  ▼

X  

KBL02 Datasheet (PDF) - MIC GROUP RECTIFIERS

KBL02 Datasheet PDF - MIC GROUP RECTIFIERS
Part # KBL02
Download  KBL02 Download
File Size   107.29 Kbytes
Page   2 Pages
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS
Description SINGLE-PHASE BRIDGE RECTIFIER

KBL02 Datasheet (PDF)

Go To PDF Page Download Datasheet
KBL02 Datasheet PDF - MIC GROUP RECTIFIERS

Part # KBL02
Download  KBL02 Click to download

File Size   107.29 Kbytes
Page   2 Pages
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS
Description SINGLE-PHASE BRIDGE RECTIFIER

KBL02 Datasheet (HTML) - MIC GROUP RECTIFIERS


KBL02 Product details

VOLTAGE RANGE 50 to 1000 Volts

CURRENT 4.0 Amperes



FEATURES

Low cost

This series is UL recognized under component index ,file number E127707

High forward surge current capability

Ideal for printed circuit board

High temperature soldering guaranteed: 260℃/10 second, 0.375” (9.5mm) lead length at 5 lbs.(2.3kg) tension.



MECHANICAL DATA

Case: Transfer molded plastic

Terminal: Lead solderable per MIL-STD-202E method 208C

Mounting Postition: Any

Weight: 0.22ounce, 6.21gram




Similar Part No. - KBL02

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
KBL02 SEMTECH-KBL02 Datasheet
128Kb / 2P
4.0A SINGLE - PHASE SILICON BRIDGE
logo
Shanghai Lunsure Electr...
KBL02 CHENYI-KBL02 Datasheet
155Kb / 2P
SINGLE PHASE GLASS BRIDGE RECTIFIER
logo
Dc Components
KBL02 DCCOM-KBL02 Datasheet
379Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Fuji Electric
KBL02 FUJI-KBL02 Datasheet
632Kb / 1P
4 AMP SILICON BRIDGE RECTIFIER
logo
General Semiconductor
KBL02 GE-KBL02 Datasheet
73Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
More results


Similar Description - KBL02

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
Single Phase Rectifier Bridge
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Solid States Devices, I...
SDA276A SSDI-SDA276A Datasheet
80Kb / 2P
SINGLE PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436_07 Datasheet
117Kb / 2P
Single Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
25MB NAINA-25MB Datasheet
105Kb / 2P
Single Phase Bridge Rectifier
logo
Diotec Semiconductor
KBPC1500FW DIOTEC-KBPC1500FW_18 Datasheet
392Kb / 2P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO20 IXYS-VBO20 Datasheet
185Kb / 2P
Single Phase Rectifier Bridge
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com