Electronic Components Datasheet Search
  English  ▼

X  

MEW1021 Datasheet (PDF) - Minmax Technology Co., Ltd.

MEW1021 Datasheet PDF - Minmax Technology Co., Ltd.
Part # MEW1021
Download  MEW1021 Download
File Size   187.4 Kbytes
Page   8 Pages
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.
Description 2W, Wide Input Range SIP, Single & Dual Output DC/DC Converters

MEW1021 Datasheet (PDF)

Go To PDF Page Download Datasheet
MEW1021 Datasheet PDF - Minmax Technology Co., Ltd.

Part # MEW1021
Download  MEW1021 Click to download

File Size   187.4 Kbytes
Page   8 Pages
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.
Description 2W, Wide Input Range SIP, Single & Dual Output DC/DC Converters

MEW1021 Datasheet (HTML) - Minmax Technology Co., Ltd.


MEW1021 Product details

Minmaxs MEW1000-Series power modules are low-profile dc-dc converters that operate over input voltage ranges of 9-36VDC and 18-75VDC which provide precisely regulated output voltages of 3.3V, 5V, 12V, 15V, {5V, {12V and {15VDC.
The MEW1000 series is an excellent selection for data communication equipments, mobile battery driven equipments, distributed power systems, telecommunication equipments, mixed analog/digital subsystems, process/machine control equipments, computer peripheral systems and industrial robot systems.
The modules have a maximum power rating of 2W and a typical full-load efficiency of 80%, continuous short circuit, 30mV output ripple, built-in filtering for both input and output minimize the need for external filtering.

Key Features
● Efficiency up to 80%
● 1500VDC Isolation
● MTBF > 1,000,000 Hours
● 4:1 Wide Input Range
● Low Cost
● Remote On/Off Control
● Low Ripple and Noise
● Temperature Performance -40°C to +75°C
● UL 94V-0 Package Material
● Internal SMD Construction




Similar Part No. - MEW1021

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MEW1021 MINMAX-MEW1021 Datasheet
655Kb / 4P
DC/DC CONVERTER 2W High Power Density in SIP-9 Package
logo
Total Power Internation...
MEW1021 TOTAL-POWER-MEW1021 Datasheet
552Kb / 4P
High Power Density in SIP-9 Package
More results


Similar Description - MEW1021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D221 ETC1-D221 Datasheet
91Kb / 2P
Single & Dual Output Miniature, 2W SIP DC/DC Converters
D221RW ETC1-D221RW Datasheet
70Kb / 2P
Miniature SIP, 2W Wide Input Range DC/DC Converters
logo
Minmax Technology Co., ...
MAU300 MINMAX-MAU300 Datasheet
217Kb / 6P
2W, Miniature SIP, Single & Dual Output DC/DC Converters
MDW1000 MINMAX-MDW1000 Datasheet
212Kb / 8P
2W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MSDW1000 MINMAX-MSDW1000 Datasheet
223Kb / 8P
2W, Wide Input Range SMD, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D200 MPD-D200 Datasheet
219Kb / 2P
Single & Dual Output Miniature, 2W SIP DC/DC Converters
D200RW MPD-D200RW Datasheet
198Kb / 2P
Miniature SIP, 2W Wide Input Range DC/DC Converters
D300RW MPD-D300RW Datasheet
191Kb / 2P
Single & Dual Output 3W SIP, Wide Input DC/DC Converters
logo
MPS Industries, Inc.
ADC300 MPSIND-ADC300 Datasheet
172Kb / 2P
2W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MD200RU MPD-MD200RU Datasheet
444Kb / 2P
Wide 4:1 Input, 2W SIP Single & Dual Output DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com