Electronic Components Datasheet Search
  English  ▼

X  

SMBJ220A Datasheet (PDF) - MDE Semiconductor, Inc.

SMBJ220A Datasheet PDF - MDE Semiconductor, Inc.
Part # SMBJ220A
Download  SMBJ220A Download
File Size   92.16 Kbytes
Page   3 Pages
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

SMBJ220A Datasheet (PDF)

Go To PDF Page Download Datasheet
SMBJ220A Datasheet PDF - MDE Semiconductor, Inc.

Part # SMBJ220A
Download  SMBJ220A Click to download

File Size   92.16 Kbytes
Page   3 Pages
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

SMBJ220A Datasheet (HTML) - MDE Semiconductor, Inc.


SMBJ220A Product details

VOLTAGE-5.0 TO 440 Volts 600 Watt Peak Pulse Power

FEATURES
• For surface mounted applications in order to optimize board space
• Low profile package
• Built-in strain relief
• Glass passivated junction
• Low inductance
• Excellent clamping capability
• Repetition rate (duty cycle):0.01%
• Fast response time: typically less than 1.0 ps from 0 volts to BV for unidirectional types
• Typical IR less than 1µA above 10V
• High temperature soldering: 250°C/10 seconds at terminals
• Plastic package has Underwriters Laboratory
   Flammability Classification 94 V-O




Similar Part No. - SMBJ220A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMBJ220A LITTELFUSE-SMBJ220A Datasheet
255Kb / 4P
Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
logo
GOOD-ARK Electronics
SMBJ220A GOOD-ARK-SMBJ220A Datasheet
235Kb / 4P
Surface Mount Transient Voltage Suppressors
logo
Silicon Standard Corp.
SMBJ220A SSC-SMBJ220A Datasheet
801Kb / 4P
Transient Voltage Suppressors
logo
Littelfuse
SMBJ220A LITTELFUSE-SMBJ220A Datasheet
144Kb / 5P
Transient Voltage Suppression Diodes
logo
Micro Commercial Compon...
SMBJ220A MCC-SMBJ220A Datasheet
202Kb / 9P
Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
More results


Similar Description - SMBJ220A

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
SMDJ5.0 DIOTECH-SMDJ5.0 Datasheet
935Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
1.5SMC DIOTECH-1.5SMC Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Semiconducto...
SMBJ5.0 CHENDA-SMBJ5.0 Datasheet
2Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SAMYANG ELECTRONICS CO....
SMF SAMYANG-SMF Datasheet
1Mb / 4P
Surface Mount Transient Voltage Suppressor
logo
Alpha & Omega Semicondu...
1.5SMC6.8 AOSMD-1.5SMC6.8 Datasheet
707Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.1 July 2021
SMAJ5.0A AOSMD-SMAJ5.0A Datasheet
713Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
SMBJ5.0A AOSMD-SMBJ5.0A Datasheet
706Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com