Electronic Components Datasheet Search
  English  ▼

X  

AO4430 Datasheet (PDF) - Alpha & Omega Semiconductors

AO4430 Datasheet PDF - Alpha & Omega Semiconductors
Part # AO4430
Download  AO4430 Download
File Size   284.28 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description N-Channel Enhancement Mode Field Effect Transistor

AO4430 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4430 Datasheet PDF - Alpha & Omega Semiconductors

Part # AO4430
Download  AO4430 Click to download

File Size   284.28 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description N-Channel Enhancement Mode Field Effect Transistor

AO4430 Datasheet (HTML) - Alpha & Omega Semiconductors


AO4430 Product details

General Description

The AO4430/L uses advanced trench technology to provide excellent RDS(ON), shoot-through immunity, body diode characteristics and ultra-low gate resistance. This device is ideally suited for use as a low side switch in Notebook CPU core power conversion.

AO4430 and AO4430L are electrically identical.

  -RoHS Compliant

  -AO4430L is Halogen Free



Features

VDS (V) = 30V

ID = 18A (VGS = 10V)

RDS(ON) < 5.5mΩ (VGS = 10V)

RDS(ON) < 7.5mΩ (VGS = 4.5V)

100% UIS Tested!

100% Rg Tested!



 




Similar Part No. - AO4430

ManufacturerPart #DatasheetDescription
logo
shenzhen wanhexing Elec...
AO4430 WHXPCB-AO4430 Datasheet
2Mb / 5P
N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
AO4430 KEXIN-AO4430 Datasheet
1Mb / 4P
N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4430 VBSEMI-AO4430 Datasheet
1Mb / 9P
N-Channel 30-V (D-S) MOSFET
logo
TECH PUBLIC Electronics...
AO4430 TECHPUBLIC-AO4430 Datasheet
1Mb / 5P
N-Channel Enhancement Mode Power MOSFET
logo
Guangdong Kexin Industr...
AO4430-HF KEXIN-AO4430-HF Datasheet
1Mb / 4P
N-Channel MOSFET
More results


Similar Description - AO4430

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com