| Electronic Components Datasheet Search |
|
SA230 Datasheet (PDF) - Bedford Opto Technology Ltd. |
SA230 Datasheet (PDF) |
|
Download Datasheet |
| Part # | SA230 |
| Download | SA230 Click to download |
| File Size | 42.24 Kbytes |
| Page | 2 Pages |
| Manufacturer | BOT [Bedford Opto Technology Ltd.] |
| Direct Link | http://www.bot.co.uk |
| Logo | |
| Description | 5mm LED Assembly Single Way to 4 Way |
SA230 Datasheet (HTML) - Bedford Opto Technology Ltd. |
SA230 Product details |
|
Similar Part No. - SA230 |
|
Similar Description - SA230 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |