Electronic Components Datasheet Search
  English  ▼

X  

ORT2200R Datasheet (PDF) - Bedford Opto Technology Ltd.

ORT2200R Datasheet PDF - Bedford Opto Technology Ltd.
Part # ORT2200R
Download  ORT2200R Download
File Size   47.01 Kbytes
Page   2 Pages
Manufacturer  BOT [Bedford Opto Technology Ltd.]
Direct Link  http://www.bot.co.uk
Logo BOT - Bedford Opto Technology Ltd.
Description 1.8mm LED 2 TIER CIRCUIT BOARD INDICATOR

ORT2200R Datasheet (PDF)

Go To PDF Page Download Datasheet
ORT2200R Datasheet PDF - Bedford Opto Technology Ltd.

Part # ORT2200R
Download  ORT2200R Click to download

File Size   47.01 Kbytes
Page   2 Pages
Manufacturer  BOT [Bedford Opto Technology Ltd.]
Direct Link  http://www.bot.co.uk
Logo BOT - Bedford Opto Technology Ltd.
Description 1.8mm LED 2 TIER CIRCUIT BOARD INDICATOR

ORT2200R Datasheet (HTML) - Bedford Opto Technology Ltd.




Similar Part No. - ORT2200R

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
ORT2400 BOT-ORT2400 Datasheet
46Kb / 2P
4 ELEMENT PCB MOUNT 1.8mm LED ARRAY
ORT2400B BOT-ORT2400B Datasheet
46Kb / 2P
4 ELEMENT PCB MOUNT 1.8mm LED ARRAY
ORT2400BL BOT-ORT2400BL Datasheet
46Kb / 2P
4 ELEMENT PCB MOUNT 1.8mm LED ARRAY
ORT2400G BOT-ORT2400G Datasheet
46Kb / 2P
4 ELEMENT PCB MOUNT 1.8mm LED ARRAY
ORT2400O BOT-ORT2400O Datasheet
46Kb / 2P
4 ELEMENT PCB MOUNT 1.8mm LED ARRAY
More results


Similar Description - ORT2200R

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP4060VH-2GD KINGBRIGHT-WP4060VH-2GD Datasheet
246Kb / 4P
1.8mm BI-LEVEL CIRCUIT BOARD INDICATOR
WP4060VH-2ID KINGBRIGHT-WP4060VH-2ID Datasheet
247Kb / 4P
1.8mm BI-LEVEL CIRCUIT BOARD INDICATOR
WP4060VH-2SRD KINGBRIGHT-WP4060VH-2SRD Datasheet
247Kb / 4P
1.8mm BI-LEVEL CIRCUIT BOARD INDICATOR
WP4060VH-2YD KINGBRIGHT-WP4060VH-2YD Datasheet
247Kb / 4P
1.8mm BI-LEVEL CIRCUIT BOARD INDICATOR
logo
Bedford Opto Technology...
ORT43S BOT-ORT43S Datasheet
33Kb / 2P
3mm LED CIRCUIT BOARD INDICATOR 4 TIER SHROUDED
SSA218 BOT-SSA218 Datasheet
32Kb / 2P
TWO TIER 5mm 3 LEADED TRI-COLOUR CIRCUIT BOARD INDICATOR
logo
Dialight Corporation
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
logo
Kingbright Corporation
WP406A10XHA-X2GD KINGBRIGHT-WP406A10XHA-X2GD Datasheet
390Kb / 5P
1.8mm Tri-Level Circuit Board Indicator
WP4060VH-GID KINGBRIGHT-WP4060VH-GID Datasheet
405Kb / 6P
1.8mm BI-LEVEL CIRCUIT BOARD INDICATOR
WP4060VH-IGD KINGBRIGHT-WP4060VH-IGD Datasheet
404Kb / 6P
1.8mm BI-LEVEL CIRCUIT BOARD INDICATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com