Electronic Components Datasheet Search
  English  ▼

X  

ORE5003 Datasheet (PDF) - Bedford Opto Technology Ltd.

ORE5003 Datasheet PDF - Bedford Opto Technology Ltd.
Part # ORE5003
Download  ORE5003 Download
File Size   32.14 Kbytes
Page   2 Pages
Manufacturer  BOT [Bedford Opto Technology Ltd.]
Direct Link  http://www.bot.co.uk
Logo BOT - Bedford Opto Technology Ltd.
Description 5 mm LED CIRCUIT BOARD INDICATOR

ORE5003 Datasheet (PDF)

Go To PDF Page Download Datasheet
ORE5003 Datasheet PDF - Bedford Opto Technology Ltd.

Part # ORE5003
Download  ORE5003 Click to download

File Size   32.14 Kbytes
Page   2 Pages
Manufacturer  BOT [Bedford Opto Technology Ltd.]
Direct Link  http://www.bot.co.uk
Logo BOT - Bedford Opto Technology Ltd.
Description 5 mm LED CIRCUIT BOARD INDICATOR

ORE5003 Datasheet (HTML) - Bedford Opto Technology Ltd.




Similar Part No. - ORE5003

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
ORE5005 BOT-ORE5005 Datasheet
32Kb / 2P
5mm LED CIRCUIT BOARD INDICATOR
More results


Similar Description - ORE5003

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5310F CML-5310F Datasheet
71Kb / 1P
T-1 LED Circuit Board Indicator
logo
Dialight Corporation
555-4XXX DIALIGHT-555-4XXX Datasheet
25Kb / 3P
2mm LED CBI Circuit Board Indicator Quad
logo
Bedford Opto Technology...
ORE5005 BOT-ORE5005 Datasheet
32Kb / 2P
5mm LED CIRCUIT BOARD INDICATOR
SSA340 BOT-SSA340 Datasheet
34Kb / 2P
5mm SHROUDED LED CIRCUIT BOARD INDICATOR
logo
Dialight Corporation
553-0177F DIALIGHT-553-0177F Datasheet
640Kb / 16P
CBI LED Circuit Board Indicator Selector Guide
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
logo
Visual Communications C...
5310F VCC-5310F Datasheet
108Kb / 1P
T-1 LED Circuit Board Indicator
logo
Dialight Corporation
350-1817-ND DIALIGHT-350-1817-ND Datasheet
78Kb / 9P
LED CBI Circuit Board Indicator
logo
Kingbright Corporation
WP154A4AVS KINGBRIGHT-WP154A4AVS Datasheet
480Kb / 5P
T-1 3/4 (5 mm) Single-Level Circuit Board Indicator
Rev No: V.1A Date: 09/20/2022
WP154A4AVSSUREQBFZGW KINGBRIGHT-WP154A4AVSSUREQBFZGW Datasheet
320Kb / 5P
T-1 3/4 (5 mm) Single-Level Circuit Board Indicator
Rev No: V.2A Date: 12/07/2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com