Electronic Components Datasheet Search
  English  ▼

X  

CNY75A Datasheet (PDF) - Vishay Siliconix

CNY75A Datasheet PDF - Vishay Siliconix
Part # CNY75A
Download  CNY75A Download
File Size   186.14 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler with Phototransistor Output

CNY75A Datasheet (PDF)

Go To PDF Page Download Datasheet
CNY75A Datasheet PDF - Vishay Siliconix

Part # CNY75A
Download  CNY75A Click to download

File Size   186.14 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler with Phototransistor Output

CNY75A Datasheet (HTML) - Vishay Siliconix


CNY75A Product details

Description
The CNY75(G) series consists of a phototransistor optically coupled to a gallium arsenide infrared emitting diode in a 6-lead plastic dual inline package. The elements are mounted on one leadframe using a coplanar technique, providing a fixed distance between input and output for highest safety requirements.

Features
Approvals:
● BSI: BS EN 41003, BS EN 60095 (BS 415), BS EN 60950 (BS 7002), Certificate number 7081 and 7402
● FIMKO (SETI): EN 60950, Certificate number 12399
● Underwriters Laboratory (UL) 1577 recognized, file number E-76222
● VDE 0884, Certificate number 94778

VDE 0884 related features:
● Rated impulse voltage (transient overvoltage) VIOTM = 6 kV peak
● Isolation test voltage (partial discharge test voltage) Vpd = 1.6 kV
● Rated isolation voltage (RMS includes DC) VIOWM = 600 VRMS (848 V peak)
● Rated recurring peak voltage (repetitive) VIORM = 600 VRMS
● Creepage current resistance according to VDE 0303/IEC 112 Comparative Tracking Index: CTI = 275
● Thickness through insulation ≥ 0.75 mm

General features:
● Isolation materials according to UL94-VO
● Pollution degree 2(DIN/VDE 0110 part 1 resp. IEC 664)
● Climatic classification 55/100/21 (IEC 68 part 1)
● Special construction:
   Therefore, extra low coupling capacity of typical 0.3 pF, high Common Mode Rejection
● Low temperature coefficient of CTR
● CTR offered in 3 groups
● Coupling System A

Applications
Circuits for safe protective separation against electrical shock according to safety class II (reinforced isolation):
● For appl. class I – IV at mains voltage ≤ 300 V
● For appl. class I – III at mains voltage ≤ 600 V according to VDE 0884, table 2, suitable for:

  Switch-mode power supplies, line receiver, computer peripheral interface, microprocessor system interface.




Similar Part No. - CNY75A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CNY75A ETC-CNY75A Datasheet
50Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
Vishay Siliconix
CNY75A VISHAY-CNY75A Datasheet
210Kb / 12P
Optocoupler with Phototransistor Output
11-Jan-99
CNY75A VISHAY-CNY75A Datasheet
161Kb / 11P
Optocoupler, Phototransistor Output,with Base Connection
08-May-08
logo
ISOCOM COMPONENTS
CNY75A ISOCOM-CNY75A Datasheet
166Kb / 3P
OPTICALLY COUPLED ISOLATOR
logo
List of Unclassifed Man...
CNY75AX ETC-CNY75AX Datasheet
50Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
More results


Similar Description - CNY75A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY64 VISHAY-CNY64 Datasheet
174Kb / 10P
Optocoupler with Phototransistor Output
26-Oct-04
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
Optocoupler with Phototransistor Output
11-Jan-99
CQY80N VISHAY-CQY80N Datasheet
144Kb / 9P
Optocoupler with Phototransistor Output
11-Jan-99
TCDT1110 VISHAY-TCDT1110 Datasheet
138Kb / 8P
Optocoupler with Phototransistor Output
11-Jan-99
TCDT1120 VISHAY-TCDT1120 Datasheet
197Kb / 10P
Optocoupler with Phototransistor Output
26-Oct-04
TCET1100 VISHAY-TCET1100 Datasheet
262Kb / 11P
Optocoupler with Phototransistor Output
08-Sep-99
TCET1600 VISHAY-TCET1600 Datasheet
233Kb / 9P
Optocoupler with Phototransistor Output
11-Jan-99
TCMT11 VISHAY-TCMT11 Datasheet
462Kb / 12P
Optocoupler with Phototransistor Output
15-Dec-00
K814P VISHAY-K814P_07 Datasheet
189Kb / 9P
Optocoupler with Phototransistor Output
11-Jan-99
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com