Electronic Components Datasheet Search
  English  ▼

X  

LT3475IFE-PBF Datasheet (PDF) - Linear Technology

LT3475IFE-PBF Datasheet PDF - Linear Technology
Part # LT3475IFE-PBF
Download  LT3475IFE-PBF Download
File Size   243.14 Kbytes
Page   20 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Dual Step-Down l 1.5A LED Driver

LT3475IFE-PBF Datasheet (PDF)

Go To PDF Page Download Datasheet
LT3475IFE-PBF Datasheet PDF - Linear Technology

Part # LT3475IFE-PBF
Download  LT3475IFE-PBF Click to download

File Size   243.14 Kbytes
Page   20 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Dual Step-Down l 1.5A LED Driver

LT3475IFE-PBF Datasheet (HTML) - Linear Technology




Similar Part No. - LT3475IFE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3475 LINER-LT3475 Datasheet
294Kb / 20P
Full-Featured LED Driver with 1.5A Switch Current
LT3475 LINER-LT3475 Datasheet
425Kb / 32P
8-Channel 횞 100mA LED Driver
logo
Linear Dimensions Semic...
LT3475 LINEAR_DIMENSIONS-LT3475 Datasheet
404Kb / 20P
Full-Featured LED Driver with 1.5A Switch Current
logo
Analog Devices
LT3475 AD-LT3475 Datasheet
504Kb / 28P
40VIN, 75VOUT LED Controllers
10/19-REV.E
LT3475 AD-LT3475 Datasheet
399Kb / 26P
100VIN, 100VOUT LED Controller
02/20-REV.C
More results


Similar Description - LT3475IFE-PBF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2364 MPS-MP2364 Datasheet
281Kb / 12P
Dual 1.5A, 23V, 1.4MHz Step-Down Converter
MP2125 MPS-MP2125 Datasheet
295Kb / 10P
Dual 1.5A, 1.2MHz Synchronous Step-Down Converter
MP28372 MPS-MP28372 Datasheet
274Kb / 12P
Dual 1.5A, 23V, 1.4MHz Step-Down Converter
MP29373 MPS-MP29373 Datasheet
260Kb / 10P
Dual 1.5A, 23V, 1.4MHz Step-Down Converter
logo
Linear Technology
LT3475 LINER-LT3475_15 Datasheet
248Kb / 20P
Dual Step-Down 1.5A LED Driver
LT3475-1 LINER-LT3475-1_15 Datasheet
248Kb / 20P
Dual Step-Down 1.5A LED Driver
logo
E-CMOS Corporation
EC3221 E-CMOS-EC3221 Datasheet
1Mb / 16P
1.5MHz, Dual 1.5A, Synchronous Step-Down Regulator
logo
Monolithic Power System...
MP4425M MPS-MP4425M Datasheet
1Mb / 20P
High Efficiency 1.5A, 36V, 2.2MHz Synchronous Step Down LED Driver
logo
Shenzhen Huazhimei Semi...
HM2801 HMSEMI-HM2801 Datasheet
1Mb / 12P
30V 1.5A 1MHz Sync Step-Down Dimmable LED Driver
HM2802 HMSEMI-HM2802 Datasheet
1Mb / 12P
30V 1.5A 1MHz Sync Step-Down Dimmable LED Driver
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com