Electronic Components Datasheet Search
  English  ▼

X  

2SK3643 Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

2SK3643 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # 2SK3643
Download  2SK3643 Download
File Size   44.92 Kbytes
Page   1 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description MOS Field Effect Transistor

2SK3643 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK3643 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # 2SK3643
Download  2SK3643 Click to download

File Size   44.92 Kbytes
Page   1 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description MOS Field Effect Transistor

2SK3643 Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd


2SK3643 Product details

Features
● Low on-state resistance
    RDS(on)1 =6 m MAX. (VGS = 10 V, ID = 32A)
    RDS(on)2 =9 m MAX. (VGS = 4.5 V, ID = 32 A)
● Low Ciss: Ciss = 2400pF TYP.




Similar Part No. - 2SK3643

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3643 NEC-2SK3643 Datasheet
165Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
logo
Renesas Technology Corp
2SK3643 RENESAS-2SK3643 Datasheet
328Kb / 10P
MOS FIELD EFFECT TRANSISTOR
2002
logo
NEC
2SK3643-ZK NEC-2SK3643-ZK Datasheet
165Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
logo
Renesas Technology Corp
2SK3643-ZK RENESAS-2SK3643-ZK Datasheet
328Kb / 10P
MOS FIELD EFFECT TRANSISTOR
2002
More results


Similar Description - 2SK3643

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3113B NEC-2SK3113B Datasheet
202Kb / 8P
MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
MOS FIELD EFFECT TRANSISTOR
NP83P06PDG NEC-NP83P06PDG Datasheet
190Kb / 7P
MOS FIELD EFFECT TRANSISTOR
NP100P04PDG NEC-NP100P04PDG Datasheet
190Kb / 7P
MOS FIELD EFFECT TRANSISTOR
logo
Guangdong Kexin Industr...
KPA1790 KEXIN-KPA1790 Datasheet
58Kb / 2P
MOS Field Effect Transistor
KPA2790GR KEXIN-KPA2790GR Datasheet
58Kb / 2P
MOS Field Effect Transistor
2SK3919 KEXIN-2SK3919 Datasheet
45Kb / 1P
MOS Field Effect Transistor
2SK3635 KEXIN-2SK3635 Datasheet
46Kb / 1P
MOS Field Effect Transistor
2SJ598 KEXIN-2SJ598 Datasheet
49Kb / 2P
MOS Field Effect Transistor
KPA1750 KEXIN-KPA1750 Datasheet
52Kb / 2P
MOS Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com