Electronic Components Datasheet Search
  English  ▼

X  

2SK3634 Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

2SK3634 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # 2SK3634
Download  2SK3634 Download
File Size   46.03 Kbytes
Page   1 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description MOS Field Effect Transistor

2SK3634 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK3634 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # 2SK3634
Download  2SK3634 Click to download

File Size   46.03 Kbytes
Page   1 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description MOS Field Effect Transistor

2SK3634 Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd


2SK3634 Product details

Features

• High voltage: VDSS = 200 V

• Gate voltage rating: 30 V

    RDS(on) = 0.60 MAX. (VGS = 10 V, ID = 3.0 A)

• Low Ciss: Ciss = 270 pF TYP. (VDS = 10 V, VGS = 0 V)

• Built-in gate protection diode



 




Similar Part No. - 2SK3634

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3634 NEC-2SK3634 Datasheet
167Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
2SK3634 VBSEMI-2SK3634 Datasheet
963Kb / 6P
N-Channel 200 V (D-S) MOSFET
logo
Renesas Technology Corp
2SK3634 RENESAS-2SK3634 Datasheet
249Kb / 10P
MOS FIELD EFFECT TRANSISTOR
2001
logo
TECH PUBLIC Electronics...
2SK3634 TECHPUBLIC-2SK3634 Datasheet
993Kb / 3P
N-Channel MOSFET 200V, 6.0A, 0.65Q
logo
NEC
2SK3634-Z NEC-2SK3634-Z Datasheet
167Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
More results


Similar Description - 2SK3634

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3113B NEC-2SK3113B Datasheet
202Kb / 8P
MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
MOS FIELD EFFECT TRANSISTOR
NP83P06PDG NEC-NP83P06PDG Datasheet
190Kb / 7P
MOS FIELD EFFECT TRANSISTOR
NP100P04PDG NEC-NP100P04PDG Datasheet
190Kb / 7P
MOS FIELD EFFECT TRANSISTOR
logo
Guangdong Kexin Industr...
KPA1790 KEXIN-KPA1790 Datasheet
58Kb / 2P
MOS Field Effect Transistor
KPA2790GR KEXIN-KPA2790GR Datasheet
58Kb / 2P
MOS Field Effect Transistor
2SK3919 KEXIN-2SK3919 Datasheet
45Kb / 1P
MOS Field Effect Transistor
2SK3635 KEXIN-2SK3635 Datasheet
46Kb / 1P
MOS Field Effect Transistor
2SJ598 KEXIN-2SJ598 Datasheet
49Kb / 2P
MOS Field Effect Transistor
KPA1750 KEXIN-KPA1750 Datasheet
52Kb / 2P
MOS Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com