Electronic Components Datasheet Search
  English  ▼

X  

HX5001 Datasheet (PDF) - HBH Microwave GmbH

HX5001 Datasheet PDF - HBH Microwave GmbH
Part # HX5001
Download  HX5001 Download
File Size   21.2 Kbytes
Page   1 Pages
Manufacturer  HBH [HBH Microwave GmbH]
Direct Link  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH
Description 4 - 6 GHz Active Mixer

HX5001 Datasheet (PDF)

Go To PDF Page Download Datasheet
HX5001 Datasheet PDF - HBH Microwave GmbH

Part # HX5001
Download  HX5001 Click to download

File Size   21.2 Kbytes
Page   1 Pages
Manufacturer  HBH [HBH Microwave GmbH]
Direct Link  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH
Description 4 - 6 GHz Active Mixer

HX5001 Datasheet (HTML) - HBH Microwave GmbH




Similar Part No. - HX5001

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HX5001 HBH-HX5001 Datasheet
19Kb / 1P
4 - 6 GHz Active Mixer
HX5001_SMD HBH-HX5001_SMD Datasheet
19Kb / 1P
4 - 6 GHz Active Mixer
More results


Similar Description - HX5001

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HX5001_SMD HBH-HX5001_SMD Datasheet
19Kb / 1P
4 - 6 GHz Active Mixer
HX5002 HBH-HX5002 Datasheet
20Kb / 1P
4 - 6 GHz Mixer
HX5002_SMD HBH-HX5002_SMD Datasheet
19Kb / 1P
4 - 6 GHz Mixer
HX6001 HBH-HX6001 Datasheet
20Kb / 1P
15-21 GHz Active Harmonic Mixer
HX7001 HBH-HX7001 Datasheet
20Kb / 1P
21-30 GHz Active Harmonic Mixer
logo
Analog Devices
ADL5802 AD-ADL5802_09 Datasheet
790Kb / 32P
Dual Channel, High IP3, 100 MHz to 6 GHz Active Mixer
REV. 0
ADL5801 AD-ADL5801 Datasheet
402Kb / 20P
High IP3, 10 MHz to 6 GHz, Active Mixer
REV. A
AD8342 AD-AD8342_15 Datasheet
818Kb / 24P
Active Receive Mixer LF to 3 GHz
REV. B
logo
Linear Technology
LTC5562 LINER-LTC5562 Datasheet
569Kb / 26P
LF??GHz Wideband Low Power Active Mixer
logo
Qorvo, Inc
CMD177C3 QORVO-CMD177C3 Datasheet
237Kb / 11P
6-14 GHz Fundamental Mixer
More results




About HBH Microwave GmbH


HBH Microwave GmbH is a leading manufacturer of high-quality microwave components and subsystems for the telecommunications, aerospace, defense, and scientific research industries. The company was founded in Germany in 1996 and has since established itself as a trusted provider of advanced microwave technologies.

HBH Microwave's product portfolio includes a wide range of microwave components, such as amplifiers, mixers, filters, couplers, and antennas. The company also offers customized solutions for specific applications, including subsystems and integrated microwave assemblies.

The company's engineering team has extensive experience in developing advanced microwave technologies for demanding applications. They work closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

HBH Microwave has a strong focus on quality and reliability. The company's products are manufactured to the highest standards and undergo rigorous testing to ensure their performance and reliability. They are also designed to meet the demanding requirements of military and aerospace applications.

Overall, HBH Microwave is a trusted provider of high-quality microwave components and subsystems. Its commitment to innovation, quality, and customer service has earned it a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com