Electronic Components Datasheet Search
  English  ▼

X  

S8M Datasheet (PDF) - Semtech Corporation

S8M Datasheet PDF - Semtech Corporation
Part # S8M
Download  S8M Download
File Size   143.34 Kbytes
Page   3 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description RECTIFIER, up to 1kV, 2A, 2關s

S8M Datasheet (PDF)

Go To PDF Page Download Datasheet
S8M Datasheet PDF - Semtech Corporation

Part # S8M
Download  S8M Click to download

File Size   143.34 Kbytes
Page   3 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description RECTIFIER, up to 1kV, 2A, 2關s

S8M Datasheet (HTML) - Semtech Corporation


S8M Product details

AXIAL LEADED HERMETICALLY SEALED STANDARD RECOVERY RECTIFIER DIODE

• Low reverse leakage current
• Hermetically sealed in Metoxillte fused metal oxide
• Good thermal shock resistance
• Low forward voltage drop
• Avalance capability.




Similar Part No. - S8M

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S8M MCC-S8M Datasheet
78Kb / 2P
8 Amp Silicon Rectifier 50 to 1000 Volts
S8M MCC-S8M Datasheet
180Kb / 4P
8 Amp Silicon Rectifier 50 to 1000 Volts
logo
Formosa MS
S8M FORMOSA-S8M Datasheet
119Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
New Jersey Semi-Conduct...
S8M NJSEMI-S8M Datasheet
103Kb / 2P
QUICK REFERENCE AXIALiEADED HERMETICALLY SEALED STANDARD RECOVERY RECTIFIER DIODE
logo
DONGGUAN YOU FENG WEI E...
S8M YFWDIODE-S8M Datasheet
468Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
More results


Similar Description - S8M

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N3645 SEMTECH-1N3645 Datasheet
118Kb / 3P
RECTIFIER, up to 3kV, 600mA, 2.5關s
1N5615 SEMTECH-1N5615 Datasheet
190Kb / 4P
RECTIFIER, up to 1kV, 2A, 150-500ns
3PF8 SEMTECH-3PF8 Datasheet
157Kb / 4P
RECTIFIER, up to 1kV, 3.25A, 300ns
3PFR0 SEMTECH-3PFR0 Datasheet
149Kb / 4P
RECTIFIER, 1kV, 2.7A, 150ns
3SFR0 SEMTECH-3SFR0 Datasheet
178Kb / 4P
RECTIFIER, 1kV, 3.25A, 150ns
M20 SEMTECH-M20 Datasheet
108Kb / 3P
RECTIFIER, up to 3kV, 330mA, 2關s
M50A SEMTECH-M50A Datasheet
111Kb / 3P
RECTIFIER, up to 6kV, 260mA, 5關s
logo
Diodes Incorporated
DMP26M7UFG DIODES-DMP26M7UFG Datasheet
431Kb / 6P
ESD HBM Protected up to 1KV
Rev 1
logo
Recom International Pow...
R-REF01-HB RECOM-R-REF01-HB Datasheet
1Mb / 12P
Half-bridge voltage up to 1kV
logo
TRINAMIC Motion Control...
TMC7300-EVAL TRINAMIC-TMC7300-EVAL Datasheet
1Mb / 10P
2 DC motors with up to 2A current
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com