Electronic Components Datasheet Search
  English  ▼

X  

MAX19999 Datasheet (PDF) - Maxim Integrated Products

MAX19999 Datasheet PDF - Maxim Integrated Products
Part # MAX19999
Download  MAX19999 Download
File Size   324.3 Kbytes
Page   19 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual, SiGe High-Linearity, 3000MHz to 4000MHz Downconversion Mixer with LO Buffer

MAX19999 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX19999 Datasheet PDF - Maxim Integrated Products

Part # MAX19999
Download  MAX19999 Click to download

File Size   324.3 Kbytes
Page   19 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual, SiGe High-Linearity, 3000MHz to 4000MHz Downconversion Mixer with LO Buffer

MAX19999 Datasheet (HTML) - Maxim Integrated Products


MAX19999 Product details

General Description
The MAX19999 dual-channel downconverter provides 8.3dB of conversion gain, +24dBm input IP3, +11.4dBm 1dB input compression point, and a noise figure of 10.5dB for 3000MHz to 4000MHz WiMAX™ and LTE diversity receiver applications. With an optimized LO frequency range of 2650MHz to 3700MHz, this mixer is ideal for low-side LO injection architectures.

Features
♦ 3000MHz to 4000MHz RF Frequency Range
♦ 2650MHz to 3700MHz LO Frequency Range
♦ 50MHz to 500MHz IF Frequency Range
♦ 8.3dB Conversion Gain
♦ +24dBm Input IP3
♦ 10.5dB Noise Figure
♦ +11.4dBm Input 1dB Compression Point
♦ 74dBc Typical 2 x 2 Spurious Rejection at PRF = -10dBm
♦ Dual Channels Ideal for Diversity Receiver Applications
♦ Integrated LO Buffer
♦ Integrated LO and RF Baluns for Single-Ended Inputs
♦ Low -3dBm to +3dBm LO Drive
♦ Pin Compatible with the MAX19997A 1800MHz to 2900MHz Mixer
♦ Pin Similar to the MAX9995/MAX9995A and MAX19995/MAX19995A 1700MHz to 2200MHz
    Mixers and the MAX9985/MAX9985A and MAX19985/MAX19985A 700MHz to 1000MHz Mixers
♦ 39dB Channel-to-Channel Isolation
♦ Single +5.0V or +3.3V Supply
♦ External Current-Setting Resistors Provide Option for Operating Device in Reduced-Power/Reduced-Performance Mode

Applications
    3.5GHz WiMAX and LTE Base Stations
    Fixed Broadband Wireless Access
    Microwave Links
    Wireless Local Loop
    Private Mobile Radios
    Military Systems




Similar Part No. - MAX19999

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1999 MAXIM-MAX1999 Datasheet
497Kb / 32P
High-Efficiency, Quad Output, Main Power- Supply Controllers for Notebook Computers
Rev 1; 9/04
MAX1999 MAXIM-MAX1999 Datasheet
180Kb / 8P
7V to 24V Input Voltage Range, 3.3V and 5V Output Voltages
Rev 0; 7/02
MAX19993 MAXIM-MAX19993 Datasheet
4Mb / 23P
Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 6/10
MAX19993ETX+ MAXIM-MAX19993ETX+ Datasheet
4Mb / 23P
Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 6/10
MAX19993ETX+T MAXIM-MAX19993ETX+T Datasheet
4Mb / 23P
Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 6/10
More results


Similar Description - MAX19999

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9995 MAXIM-MAX9995 Datasheet
363Kb / 13P
Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 8/04
MAX2041 MAXIM-MAX2041 Datasheet
395Kb / 16P
High-Linearity, 1700MHz to 3000MHz Upconversion / Downconversion Mixer with LO Buffer / Switch
Rev 0; 1/06
MAX19997A MAXIM-MAX19997A Datasheet
492Kb / 34P
Dual, SiGe High-Linearity, 1800MHz to 2900MHz Downconversion Mixer with LO Buffer
Rev 0; 10/08
MAX2042 MAXIM-MAX2042 Datasheet
4Mb / 27P
SiGe High-Linearity, 2000MHz to 3000MHz Upconversion/Downconversion Mixer with LO Buffer
Rev 0; 8/09
MAX19996A MAXIM-MAX19996A Datasheet
825Kb / 35P
SiGe, High-Linearity, 2000MHz to 3900MHz Downconversion Mixer with LO Buffer
Rev 1; 5/09
MAX2044 MAXIM-MAX2044 Datasheet
6Mb / 39P
SiGe, High-Linearity, 2300MHz to 4000MHz Upconversion/Downconversion Mixer with LO Buffer
Rev 0; 10/09
MAX19998 MAXIM-MAX19998 Datasheet
5Mb / 28P
SiGe, High-Linearity, 2300MHz to 4000MHz Downconversion Mixer with LO Buffer
Rev 0; 10/09
MAX19997A MAXIM-MAX19997A_11 Datasheet
585Kb / 35P
Dual, SiGe High-Linearity, 1800MHz to 2900MHz Downconversion Mixer with LO Buffer
Rev 2; 2/11
MAX19997A_1108 MAXIM-MAX19997A_1108 Datasheet
631Kb / 35P
Dual, SiGe High-Linearity, 1800MHz to 2900MHz Downconversion Mixer with LO Buffer
Rev 3; 8/11
MAX19996 MAXIM-MAX19996 Datasheet
404Kb / 19P
SiGe High-Linearity, 2000MHz to 3000MHz Downconversion Mixer with LO Buffer
Rev 0; 7/08
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com