Electronic Components Datasheet Search
  English  ▼

X  

MAX11508 Datasheet (PDF) - Maxim Integrated Products

MAX11508 Datasheet PDF - Maxim Integrated Products
Part # MAX11508
Download  MAX11508 Download
File Size   154.47 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost, 3-Channel, HD/PS/SD/BP Video Filters with Buffer

MAX11508 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX11508 Datasheet PDF - Maxim Integrated Products

Part # MAX11508
Download  MAX11508 Click to download

File Size   154.47 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost, 3-Channel, HD/PS/SD/BP Video Filters with Buffer

MAX11508 Datasheet (HTML) - Maxim Integrated Products


MAX11508 Product details

General Description
The MAX11508/MAX11509 integrated 3-channel video filters for high-definition (HD), progressive-scan (PS), standard-definition (SD), and bypass (BP) video include an output buffer with +6dB gain and are ideal for digital video disc (DVD) players, set-top box (STB) receivers, high-definition television (HDTV), digital video recorders (DVRs), and similar devices.

Features
♦ Three Selectable 6th-Order 9MHz/16MHz/33MHz
   (SD/PS/HD) Filters
♦ Bypass Mode for High Bandwidth Signals
♦ Transparent Input Clamp
♦ Output Buffers Drive a Standard 150Ω Video Load
♦ ±12kV HBM ESD Protection on Outputs
♦ AC- or DC-Coupled Inputs
♦ AC- or DC-Coupled Outputs
♦ +0.8dB Peaking Passband Response (MAX11509)
   in SD, PS, and HD Modes
♦ Single +5V Power Supply
♦ Lead-Free, 14-Pin TSSOP Package

Applications
   Cable and Satellite STB Receivers
   HDTV
   DVD Players
   Personal Video Recorders
   DVRs
   Video-On-Demand
   HD Recorders




Similar Part No. - MAX11508

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11508 MAXIM-MAX11508 Datasheet
138Kb / 8P
Transparent Input Clamp
Rev 0; 1/09
MAX11508EVKIT MAXIM-MAX11508EVKIT Datasheet
138Kb / 8P
Transparent Input Clamp
Rev 0; 1/09
MAX11508EVKIT+ MAXIM-MAX11508EVKIT+ Datasheet
138Kb / 8P
Transparent Input Clamp
Rev 0; 1/09
More results


Similar Description - MAX11508

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6203 FAIRCHILD-FMS6203 Datasheet
82Kb / 7P
Low-cost 3-Channel Video Filter Drivers for SD/PS/HD
FMS6203_0611 FAIRCHILD-FMS6203_0611 Datasheet
303Kb / 9P
Low-Cost 3-Channel Video Filter Driver for SD/PS/HD
logo
Analog Devices
ADA4420-6 AD-ADA4420-6 Datasheet
280Kb / 12P
Low Cost 6-Channel HD/SD Video Filter
REV. 0
logo
Fairchild Semiconductor
FMS6203 FAIRCHILD-FMS6203_07 Datasheet
472Kb / 9P
Low-Cost, 3-Channel Video Filter Driver for SD/PS/HD
FMS6303 FAIRCHILD-FMS6303 Datasheet
653Kb / 12P
Low-Cost, 3-Channel, Video Filter Driver for SD/ED/HD (1080i)/HD (1080P)
logo
Texas Instruments
THS7360 TI-THS7360 Datasheet
802Kb / 41P
6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and High Gain
logo
Maxim Integrated Produc...
MAX11506 MAXIM-MAX11506 Datasheet
159Kb / 10P
Low-Cost, 6-Channel SD Plus HD/SD Selectable Video Filters and Buffers
Rev 0; 4/08
logo
STMicroelectronics
STV6437 STMICROELECTRONICS-STV6437 Datasheet
101Kb / 4P
Audio/video buffer and four-channel SD/PS/HD video filter
12-Aug-2011
STV6440 STMICROELECTRONICS-STV6440 Datasheet
101Kb / 4P
Audio/video buffer and 6-channel SD/PS/HD video filter
12-Aug-2011
logo
ON Semiconductor
FMS6203 ONSEMI-FMS6203 Datasheet
657Kb / 10P
Low-Cost, 3-Channel, Video Filter Driver for SD/PS/HD
August 2009 Rev. 1.0.4
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com