Electronic Components Datasheet Search
  English  ▼

X  

MBR10H90 Datasheet (PDF) - Vishay Siliconix

MBR10H90 Datasheet PDF - Vishay Siliconix
Part # MBR10H90
Download  MBR10H90 Download
File Size   143.83 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High-Voltage Schottky Rectifier

MBR10H90 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR10H90 Datasheet PDF - Vishay Siliconix

Part # MBR10H90
Download  MBR10H90 Click to download

File Size   143.83 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High-Voltage Schottky Rectifier

MBR10H90 Datasheet (HTML) - Vishay Siliconix


MBR10H90 Product details

High Voltage Schottky Rectifier
High Barrier Technology for Improved High Temperature Performance

FEATURES
• Power pack
• Guardring for overvoltage protection
• Low power loss, high efficiency
• Low forward voltage drop
• Low leakage current
• High forward surge capability
• High frequency operation
• Meets MSL level 1, per J-STD-020, LF maximum peak of
   245 °C (for TO-263AB package)
• Solder bath temperature 275 °C maximum, 10 s, per
   JESD 22-B106 (for TO-220AC and ITO-220AC package)
• AEC-Q101 qualified available
   - Automotive ordering code: base P/NHE3
• Material categorization: for definitions of compliance
   please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
   For use in high frequency rectifier of switching mode power supplies, freewheeling diodes, DC/DC converters, or polarity protection application.




Similar Part No. - MBR10H90

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR10H90 VISHAY-MBR10H90 Datasheet
114Kb / 3P
High Voltage Schottky Rectifiers
01-Jul-02
logo
Kersemi Electronic Co.,...
MBR10H90 KERSEMI-MBR10H90 Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classifications 94V-0
logo
Vishay Siliconix
MBR10H90 VISHAY-MBR10H90 Datasheet
141Kb / 6P
High Voltage Schottky Rectifier
13-Jun-12
logo
Inchange Semiconductor ...
MBR10H90 ISC-MBR10H90 Datasheet
296Kb / 3P
Schottky Rectifier
logo
Vaishali Semiconductor
MBR10H90CT VAISH-MBR10H90CT Datasheet
83Kb / 3P
MBR10H100CT, MBRF10H100CT & MBRB10H100CT Series
More results


Similar Description - MBR10H90

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SB5H90 VISHAY-SB5H90 Datasheet
70Kb / 2P
High Voltage Schottky Rectifier
16-Aug-04
SB3H90 VISHAY-SB3H90 Datasheet
21Kb / 2P
High Voltage Schottky Rectifier
1-Jul-02
logo
AUK corp
SDB10100PI AUK-SDB10100PI Datasheet
217Kb / 4P
High Voltage Schottky Rectifier
logo
KODENSHI_AUK CORP.
SDB20D80D2 KODENSHI-SDB20D80D2 Datasheet
260Kb / 5P
HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB8100PH KODENSHI-SDB8100PH Datasheet
287Kb / 5P
HIGH VOLTAGE SCHOTTKY RECTIFIER
logo
Vishay Siliconix
SB3H90 VISHAY-SB3H90_11 Datasheet
77Kb / 4P
High-Voltage Schottky Rectifier
19-Aug-11
MBR1090 VISHAY-MBR1090_12 Datasheet
116Kb / 4P
High-Voltage Schottky Rectifier
30-Nov-10
logo
KODENSHI_AUK CORP.
SDB10S100D2-1 KODENSHI-SDB10S100D2-1 Datasheet
252Kb / 5P
HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB30D100D2 KODENSHI-SDB30D100D2 Datasheet
282Kb / 5P
HIGH VOLTAGE SCHOTTKY RECTIFIER
logo
Shanghai Leiditech Elec...
MBRB10100 LEIDITECH-MBRB10100 Datasheet
786Kb / 3P
High-Voltage Schottky Rectifier
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com