Electronic Components Datasheet Search
  English  ▼

X  

CNY75B Datasheet (PDF) - Vishay Siliconix

CNY75B Datasheet PDF - Vishay Siliconix
Part # CNY75B
Download  CNY75B Download
File Size   161.37 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output,with Base Connection

CNY75B Datasheet (PDF)

Go To PDF Page Download Datasheet
CNY75B Datasheet PDF - Vishay Siliconix

Part # CNY75B
Download  CNY75B Click to download

File Size   161.37 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output,with Base Connection

CNY75B Datasheet (HTML) - Vishay Siliconix


CNY75B Product details

Description
The CNY75(G) series consists of a phototransistor optically coupled to a gallium arsenide infrared emitting diode in a 6-lead plastic dual inline package. The elements are mounted on one leadframe using a coplanar technique, providing a fixed distance between input and output for highest safety requirements.

Features
Approvals:
● BSI: BS EN 41003, BS EN 60095 (BS 415), BS EN 60950 (BS 7002), Certificate number 7081 and 7402
● FIMKO (SETI): EN 60950, Certificate number 12399
● Underwriters Laboratory (UL) 1577 recognized, file number E-76222
● VDE 0884, Certificate number 94778

VDE 0884 related features:
● Rated impulse voltage (transient overvoltage) VIOTM = 6 kV peak
● Isolation test voltage (partial discharge test voltage) Vpd = 1.6 kV
● Rated isolation voltage (RMS includes DC) VIOWM = 600 VRMS (848 V peak)
● Rated recurring peak voltage (repetitive) VIORM = 600 VRMS
● Creepage current resistance according to VDE 0303/IEC 112 Comparative Tracking Index: CTI = 275
● Thickness through insulation ≥ 0.75 mm

General features:
● Isolation materials according to UL94-VO
● Pollution degree 2(DIN/VDE 0110 part 1 resp. IEC 664)
● Climatic classification 55/100/21 (IEC 68 part 1)
● Special construction:
   Therefore, extra low coupling capacity of typical 0.3 pF, high Common Mode Rejection
● Low temperature coefficient of CTR
● CTR offered in 3 groups
● Coupling System A

Applications
Circuits for safe protective separation against electrical shock according to safety class II (reinforced isolation):
● For appl. class I – IV at mains voltage ≤ 300 V
● For appl. class I – III at mains voltage ≤ 600 V according to VDE 0884, table 2, suitable for:

  Switch-mode power supplies, line receiver, computer peripheral interface, microprocessor system interface.




Similar Part No. - CNY75B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY75B VISHAY-CNY75B Datasheet
186Kb / 10P
Optocoupler with Phototransistor Output
26-Oct-04
logo
List of Unclassifed Man...
CNY75B ETC-CNY75B Datasheet
50Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
Vishay Siliconix
CNY75B VISHAY-CNY75B Datasheet
210Kb / 12P
Optocoupler with Phototransistor Output
11-Jan-99
logo
ISOCOM COMPONENTS
CNY75B ISOCOM-CNY75B Datasheet
166Kb / 3P
OPTICALLY COUPLED ISOLATOR
logo
List of Unclassifed Man...
CNY75BX ETC-CNY75BX Datasheet
50Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
More results


Similar Description - CNY75B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17 VISHAY-CNY17 Datasheet
192Kb / 10P
Optocoupler, Phototransistor Output, With Base Connection
26-Oct-04
4N25 VISHAY-4N25 Datasheet
147Kb / 9P
Optocoupler, Phototransistor Output, With Base Connection
26-Jan-05
IL1 VISHAY-IL1 Datasheet
136Kb / 9P
Optocoupler, Phototransistor Output, with Base Connection
08-May-08
CNY17G VISHAY-CNY17G Datasheet
132Kb / 9P
Optocoupler, Phototransistor Output,with Base Connection
08-May-08
SFH600 VISHAY-SFH600 Datasheet
137Kb / 9P
Optocoupler, Phototransistor Output, with Base Connection
10-Jan-08
H11A1 VISHAY-H11A1 Datasheet
144Kb / 8P
Optocoupler, Phototransistor Output, with Base Connection
23-Jul-15
SFH601 VISHAY-SFH601_15 Datasheet
171Kb / 10P
Optocoupler, Phototransistor Output, with Base Connection
23-Jul-15
CNY17 VISHAY-CNY17_V01 Datasheet
209Kb / 9P
Optocoupler, Phototransistor Output, with Base Connection
08-Jan-14
CNY17 VISHAY-CNY17_V02 Datasheet
209Kb / 9P
Optocoupler, Phototransistor Output, with Base Connection
08-Jan-14
IL2 VISHAY-IL2_V02 Datasheet
136Kb / 9P
Optocoupler, Phototransistor Output, With Base Connection
15-Apr-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com