Electronic Components Datasheet Search
  English  ▼

X  

240URR80D Datasheet (PDF) - Vishay Siliconix

240URR80D Datasheet PDF - Vishay Siliconix
Part # 240URR80D
Download  240URR80D Download
File Size   115.71 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Recovery Diodes (Stud Version), 320 A

240URR80D Datasheet (PDF)

Go To PDF Page Download Datasheet
240URR80D Datasheet PDF - Vishay Siliconix

Part # 240URR80D
Download  240URR80D Click to download

File Size   115.71 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Recovery Diodes (Stud Version), 320 A

240URR80D Datasheet (HTML) - Vishay Siliconix


240URR80D Product details

FEATURES
• Diffused diode
• Wide current range
• High voltage ratings up to 1200 V
• High surge current capabilities
• Stud cathode and stud anode version
• Hermetic metal case
• RoHS compliant
• Designed and qualified for industrial level

TYPICAL APPLICATIONS
• Welders
• Power supplies
• Machine tool controls
• High power drives
• Medium traction applications
• Battery charges
• Freewheeling diodes




Similar Part No. - 240URR80D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
240UR060D IRF-240UR060D Datasheet
123Kb / 6P
STANDARD RECOVERY DIODES
240UR080D IRF-240UR080D Datasheet
123Kb / 6P
STANDARD RECOVERY DIODES
logo
Naina Semiconductor ltd...
240UR10 NAINA-240UR10 Datasheet
108Kb / 2P
Standard Recovery Diodes (Stud and Flat Base Type)
240UR100 NAINA-240UR100 Datasheet
108Kb / 2P
Standard Recovery Diodes (Stud and Flat Base Type)
logo
International Rectifier
240UR100D IRF-240UR100D Datasheet
123Kb / 6P
STANDARD RECOVERY DIODES
More results


Similar Description - 240URR80D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
Standard Recovery Diodes (Stud Version), 25 A
29-Sep-08
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
Standard Recovery Diodes, (Stud Version), 85 A
25-May-09
240UR60D VISHAY-240UR60D_12 Datasheet
131Kb / 7P
Standard Recovery Diodes (Stud Version), 320 A
28-May-08
VS-240U80D VISHAY-VS-240U80D Datasheet
184Kb / 7P
Standard Recovery Diodes (Stud Version), 320 A
25-Nov-13
VS-150U VISHAY-VS-150U Datasheet
137Kb / 7P
Standard Recovery Diodes (Stud Version), 150 A
30-May-16
VS-45L VISHAY-VS-45L Datasheet
213Kb / 9P
Standard Recovery Diodes (Stud Version), 150 A
25-Nov-13
VS-SD300N VISHAY-VS-SD300N Datasheet
210Kb / 8P
Standard Recovery Diodes (Stud Version), 380 A
05-Aug-14
VS-SD500N VISHAY-VS-SD500N Datasheet
152Kb / 7P
Standard Recovery Diodes, (Stud Version), 475 A
10-Oct-2019
VS-240U VISHAY-VS-240U_V01 Datasheet
157Kb / 7P
Standard Recovery Diodes, (Stud Version), 320 A
11-Jan-18
VS-240UR VISHAY-VS-240UR Datasheet
156Kb / 7P
Standard Recovery Diodes, (Stud Version), 320 A
11-Jan-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com