Electronic Components Datasheet Search
  English  ▼

X  

ENA0932 Datasheet (PDF) - Sanyo Semicon Device

ENA0932 Datasheet PDF - Sanyo Semicon Device
Part # ENA0932
Download  ENA0932 Download
File Size   499.07 Kbytes
Page   10 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Bi-CMOS IC For Portable Audio Equipment Stereo SE Power Amplifier

ENA0932 Datasheet (PDF)

Go To PDF Page Download Datasheet
ENA0932 Datasheet PDF - Sanyo Semicon Device

Part # ENA0932
Download  ENA0932 Click to download

File Size   499.07 Kbytes
Page   10 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Bi-CMOS IC For Portable Audio Equipment Stereo SE Power Amplifier

ENA0932 Datasheet (HTML) - Sanyo Semicon Device


ENA0932 Product details

Overview
The LV4992TT is the best LSI for the speaker drive for portable equipment that is battery drive, including the power amplifier circuit capable of low voltage (from 2.7V) operation and stand-by function to reduce the consumption current.

Functions and Features
• Built-in stereo SE power amplifier
   Output power 1= 160mW (VCC = 3.6V, RL = 8Ω and THD = 10%)
   Output power 2= 340mW (VCC = 5.0V, RL = 8Ω and THD = 10%)
   Output power 3= 55mW (VCC = 3.6V, RL = 32Ω and THD = 10%)
   Output power 4= 110mW (VCC = 5.0V, RL = 32Ω and THD = 10%)
• Enabling low voltage operation : VCC = from 2.7V
• Standby function : (supply current in standby mode : 0.1μA (standard) : (VCC = 3.6V)
• Thermal shut down circuit
• Enabling gain setting : Voltage gain (0 to 14dB)
• No capacitor for output phase compensation is necessary.




Similar Part No. - ENA0932

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA0930 SANYO-ENA0930 Datasheet
54Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 160V, 30A Rectifier
ENA0935 SANYO-ENA0935 Datasheet
62Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
ENA0935A SANYO-ENA0935A Datasheet
420Kb / 7P
General-Purpose Switching Device Applications
More results


Similar Description - ENA0932

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7535NSA PANASONIC-AN7535NSA Datasheet
80Kb / 9P
Headphone amplifier IC for portable equipment
AN7531SA PANASONIC-AN7531SA Datasheet
178Kb / 10P
Headphone amplifier IC for portable equipment
logo
Sanyo Semicon Device
LV4991TH SANYO-LV4991TH Datasheet
150Kb / 11P
Bi-CMOS IC For Portable Audio Equipment Monaural BTL Power Amplifier
LV4991TT SANYO-LV4991TT Datasheet
189Kb / 11P
Bi-CMOS IC For Portable Audio Equipment Monaural BTL Power Amplifier
LV24030LP SANYO-LV24030LP Datasheet
176Kb / 14P
Bi-CMOS IC FM Tuner IC for Small Portable Equipment
LV24100LP SANYO-LV24100LP Datasheet
199Kb / 18P
Bi-CMOS IC FM and AM Tuner IC for Small Portable Equipment
LV24230LP SANYO-LV24230LP Datasheet
133Kb / 17P
Bi-CMOS LSI Compact Portable Equipment 1-Chip FM Tuner IC
LV4991TT SANYO-LV4991TT_08 Datasheet
196Kb / 11P
For Portable Audio Equipment Monaural BTL Power Amplifier
LV4993M SANYO-LV4993M Datasheet
524Kb / 13P
For Portable Audio Equipment Monaural BTL Power Amplifier
LV4993TH SANYO-LV4993TH Datasheet
563Kb / 13P
For Portable Audio Equipment Monaural BTL Power Amplifier
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com