Electronic Components Datasheet Search
  English  ▼

X  

85HF10M Datasheet (PDF) - Vishay Siliconix

85HF10M Datasheet PDF - Vishay Siliconix
Part # 85HF10M
Download  85HF10M Download
File Size   130.29 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Recovery Diodes, (Stud Version), 85 A

85HF10M Datasheet (PDF)

Go To PDF Page Download Datasheet
85HF10M Datasheet PDF - Vishay Siliconix

Part # 85HF10M
Download  85HF10M Click to download

File Size   130.29 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Recovery Diodes, (Stud Version), 85 A

85HF10M Datasheet (HTML) - Vishay Siliconix


85HF10M Product details

FEATURES
• High surge current capability
• Stud cathode and stud anode version
• Leaded version available
• Types up to 1600 V VRRM
• Compliant to RoHS directive 2002/95/EC
• Designed and qualified for industrial level

TYPICAL APPLICATIONS
• Battery chargers
• Converters
• Power supplies
• Machine tool controls
• Welding




Similar Part No. - 85HF10M

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
85HF10M NAINA-85HF10M Datasheet
78Kb / 1P
SILICON POWER DIODE
logo
Vishay Siliconix
85HF10M VISHAY-85HF10M Datasheet
152Kb / 9P
Standard Recovery Diodes, (Stud Version), 85 A
25-May-09
More results


Similar Description - 85HF10M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
Standard Recovery Diodes (Stud Version), 25 A
29-Sep-08
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
Standard Recovery Diodes, (Stud Version), 85 A
25-May-09
86HFR80 VISHAY-86HFR80 Datasheet
145Kb / 9P
Standard Recovery Diodes, (Stud Version), 85 A
25-May-09
VS-150U VISHAY-VS-150U Datasheet
137Kb / 7P
Standard Recovery Diodes (Stud Version), 150 A
30-May-16
85HF VISHAY-85HF Datasheet
145Kb / 9P
Standard Recovery Diodes, (Stud Version), 85 A
25-May-09
VS-85HF40M8 VISHAY-VS-85HF40M8 Datasheet
143Kb / 7P
Standard Recovery Diodes, (Stud Version), 85 A
12-Feb-14
VS-85HFR VISHAY-VS-85HFR Datasheet
183Kb / 9P
Standard Recovery Diodes, (Stud Version), 85 A
07-Dec-16
VS-SD500N VISHAY-VS-SD500N Datasheet
152Kb / 7P
Standard Recovery Diodes, (Stud Version), 475 A
10-Oct-2019
VS-85HFR40M8 VISHAY-VS-85HFR40M8 Datasheet
172Kb / 8P
Standard Recovery Diodes, (Stud Version), 85 A
11-Jan-18
VS-85HFR VISHAY-VS-85HFR_V01 Datasheet
182Kb / 10P
Standard Recovery Diodes, (Stud Version), 85 A
27-Nov-2018
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com