Electronic Components Datasheet Search
  English  ▼

X  

70HF10M Datasheet (PDF) - Vishay Siliconix

70HF10M Datasheet PDF - Vishay Siliconix
Part # 70HF10M
Download  70HF10M Download
File Size   174.63 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Recovery Diodes (Stud Version), 70 A

70HF10M Datasheet (PDF)

Go To PDF Page Download Datasheet
70HF10M Datasheet PDF - Vishay Siliconix

Part # 70HF10M
Download  70HF10M Click to download

File Size   174.63 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Recovery Diodes (Stud Version), 70 A

70HF10M Datasheet (HTML) - Vishay Siliconix


70HF10M Product details

FEATURES
• High surge current capability
• Designed for a wide range of applications
• Stud cathode and stud anode version
• Leaded version available
• Types up to 1600 V VRRM
• RoHS compliant
• Designed and qualified for industrial level

TYPICAL APPLICATIONS
• Converters
• Power supplies
• Machine tool controls
• Battery charges




Similar Part No. - 70HF10M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
70HF10M IRF-70HF10M Datasheet
204Kb / 8P
STANDARD RECOVERY DIODES
logo
Naina Semiconductor ltd...
70HF10M NAINA-70HF10M Datasheet
77Kb / 1P
SILICON POWER DIODE
More results


Similar Description - 70HF10M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
Standard Recovery Diodes (Stud Version), 25 A
29-Sep-08
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
Standard Recovery Diodes, (Stud Version), 85 A
25-May-09
VS-70HF VISHAY-VS-70HF Datasheet
212Kb / 10P
Standard Recovery Diodes Stud Version), 70 A
29-Jan-14
VS-70HFR VISHAY-VS-70HFR Datasheet
221Kb / 9P
Standard Recovery Diodes(Stud Version), 70 A
06-Mar-17
VS-150U VISHAY-VS-150U Datasheet
137Kb / 7P
Standard Recovery Diodes (Stud Version), 150 A
30-May-16
VS-45L VISHAY-VS-45L Datasheet
213Kb / 9P
Standard Recovery Diodes (Stud Version), 150 A
25-Nov-13
VS-SD300N VISHAY-VS-SD300N Datasheet
210Kb / 8P
Standard Recovery Diodes (Stud Version), 380 A
05-Aug-14
VS-40HFR VISHAY-VS-40HFR Datasheet
165Kb / 9P
Standard Recovery Diodes,(Stud Version), 40 A
29-Jan-14
VS-SD500N VISHAY-VS-SD500N Datasheet
152Kb / 7P
Standard Recovery Diodes, (Stud Version), 475 A
10-Oct-2019
VS-70HFR VISHAY-VS-70HFR_V01 Datasheet
218Kb / 9P
Standard Recovery Diodes, (Stud Version), 70 A
11-Jan-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com