Electronic Components Datasheet Search
  English  ▼

X  

M5M51008DKV Datasheet (PDF) - Renesas Technology Corp

M5M51008DKV Datasheet PDF - Renesas Technology Corp
Part # M5M51008DKV
Download  M5M51008DKV Download
File Size   120.04 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM

M5M51008DKV Datasheet (PDF)

Go To PDF Page Download Datasheet
M5M51008DKV Datasheet PDF - Renesas Technology Corp

Part # M5M51008DKV
Download  M5M51008DKV Click to download

File Size   120.04 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM

M5M51008DKV Datasheet (HTML) - Renesas Technology Corp


M5M51008DKV Product details

DESCRIPTION
The M5M51008DP,FP,VP,RV,KV are a 1048576-bit CMOS static RAM organized as 131072 word by 8-bit which are fabricated using high-performance quadruple-polysilicon and double metal CMOS technology. The use of thin film transistor (TFT) load cells and CMOS periphery result in a high density and low power static RAM.

FEATURES
● Directly TTL compatible : All inputs and outputs
● Easy memory expansion and power down by S1,S2
● Data hold on +2V power supply
● Three-state outputs : OR - tie capability
● OE prevents data contention in the I/O bus
● Common data I/O
● Package
    M5M51008DFP ············ 32pin 525mil SOP
    M5M51008DVP,RV ············ 32pin 8 X 20 mm2 TSOP
    M5M51008DKV ············ 32pin 8 X 13.4 mm2 TSOP

APPLICATION
    Small capacity memory units




Similar Part No. - M5M51008DKV

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M51008DKV-55H MITSUBISHI-M5M51008DKV-55H Datasheet
70Kb / 8P
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M51008DKV-70H MITSUBISHI-M5M51008DKV-70H Datasheet
70Kb / 8P
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
More results


Similar Description - M5M51008DKV

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M51008CP-55H MITSUBISHI-M5M51008CP-55H Datasheet
87Kb / 7P
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M512R88DJ-10 MITSUBISHI-M5M512R88DJ-10 Datasheet
62Kb / 6P
1048576-BIT (131072-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V108CFP-70H MITSUBISHI-M5M5V108CFP-70H Datasheet
86Kb / 7P
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M5V108CFP-70HI MITSUBISHI-M5M5V108CFP-70HI Datasheet
87Kb / 7P
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M5V108DFP-70H MITSUBISHI-M5M5V108DFP-70H Datasheet
59Kb / 8P
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M5V216ATP MITSUBISHI-M5M5V216ATP Datasheet
111Kb / 7P
2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
M5M28F101AFP MITSUBISHI-M5M28F101AFP Datasheet
96Kb / 10P
1048576-BIT (131072-WORD BY 8-BIT) CMOS FLASH MEMORY
M5M51008BFP MITSUBISHI-M5M51008BFP Datasheet
68Kb / 7P
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M51008DFP MITSUBISHI-M5M51008DFP Datasheet
70Kb / 8P
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V108DFP-70H RENESAS-M5M5V108DFP-70H Datasheet
117Kb / 9P
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com