Electronic Components Datasheet Search
  English  ▼

X  

FX20KMJ-2 Datasheet (PDF) - Renesas Technology Corp

FX20KMJ-2 Datasheet PDF - Renesas Technology Corp
Part # FX20KMJ-2
Download  FX20KMJ-2 Download
File Size   174.49 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High-Speed Switching Use Pch Power MOS FET

FX20KMJ-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
FX20KMJ-2 Datasheet PDF - Renesas Technology Corp

Part # FX20KMJ-2
Download  FX20KMJ-2 Click to download

File Size   174.49 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High-Speed Switching Use Pch Power MOS FET

FX20KMJ-2 Datasheet (HTML) - Renesas Technology Corp


FX20KMJ-2 Product details

Features

•  Drive voltage : 4 V

•  VDSS: – 100 V

•  rDS(ON) (max): 0.26 Ω

•  ID: – 20 A

•  Integrated Fast Recovery Diode (TYP.) : 100 ns

•  Viso : 2000 V

Applications
    Motor control, Lamp control, Solenoid control, DC-DC converters, etc.




Similar Part No. - FX20KMJ-2

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FX20KMJ-2 MITSUBISHI-FX20KMJ-2 Datasheet
51Kb / 4P
HIGH-SPEED SWITCHING USE
logo
Powerex Power Semicondu...
FX20KMJ-2 POWEREX-FX20KMJ-2 Datasheet
56Kb / 4P
Pch POWER MOSFET HIGH-SPEED SWITCHING USE
logo
Inchange Semiconductor ...
FX20KMJ-2 ISC-FX20KMJ-2 Datasheet
315Kb / 2P
Isc P-Channel MOSFET Transistor
More results


Similar Description - FX20KMJ-2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
FX6ASJ-03 RENESAS-FX6ASJ-03_06 Datasheet
199Kb / 7P
High-Speed Switching Use Pch Power MOS FET
FX6ASJ-3 RENESAS-FX6ASJ-3 Datasheet
171Kb / 7P
High-Speed Switching Use Pch Power MOS FET
FX6KMJ-3 RENESAS-FX6KMJ-3 Datasheet
209Kb / 7P
High-Speed Switching Use Pch Power MOS FET
FX20ASJ-06 RENESAS-FX20ASJ-06 Datasheet
172Kb / 7P
High-Speed Switching Use Pch Power MOS FET
FX30KMJ-2 RENESAS-FX30KMJ-2 Datasheet
174Kb / 7P
High-Speed Switching Use Pch Power MOS FET
FX50KMJ-06 RENESAS-FX50KMJ-06 Datasheet
174Kb / 7P
High-Speed Switching Use Pch Power MOS FET
FX50SMJ-2 RENESAS-FX50SMJ-2 Datasheet
173Kb / 7P
High-Speed Switching Use Pch Power MOS FET
FX50SMJ-06 RENESAS-FX50SMJ-06 Datasheet
173Kb / 7P
High-Speed Switching Use Pch Power MOS FET
FX70KMJ-03 RENESAS-FX70KMJ-03 Datasheet
174Kb / 7P
High-Speed Switching Use Pch Power MOS FET
FX20ASJ-03F RENESAS-FX20ASJ-03F_15 Datasheet
98Kb / 6P
High-Speed Switching Use Pch Power MOS FET
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com