Electronic Components Datasheet Search
  English  ▼

X  

2SK3418 Datasheet (PDF) - Renesas Technology Corp

2SK3418 Datasheet PDF - Renesas Technology Corp
Part # 2SK3418
Download  2SK3418 Download
File Size   116.69 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon N Channel MOS FET High Speed Power Switching

2SK3418 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK3418 Datasheet PDF - Renesas Technology Corp

Part # 2SK3418
Download  2SK3418 Click to download

File Size   116.69 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon N Channel MOS FET High Speed Power Switching

2SK3418 Datasheet (HTML) - Renesas Technology Corp


2SK3418 Product details

Features

• Low on-resistance

   RDS(on) = 4.3 mΩ typ.

• Capable of 4 V gate drive

• High speed switching



 




Similar Part No. - 2SK3418

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK3418 HITACHI-2SK3418 Datasheet
61Kb / 9P
2SK3418
logo
VBsemi Electronics Co.,...
2SK3418 VBSEMI-2SK3418 Datasheet
1Mb / 7P
N-Channel 60 V (D-S) MOSFET
logo
Renesas Technology Corp
2SK3418 RENESAS-2SK3418_15 Datasheet
136Kb / 10P
Silicon N Channel MOS FET High Speed Power Switching
More results


Similar Description - 2SK3418

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
Silicon N Channel MOS FET High Speed Power Switching
HAT2105T RENESAS-HAT2105T Datasheet
90Kb / 4P
Silicon N Channel MOS FET High Speed Power Switching
RJK6014DPP RENESAS-RJK6014DPP Datasheet
77Kb / 4P
Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
RJK5012DPP RENESAS-RJK5012DPP Datasheet
115Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
2SK2737 RENESAS-2SK2737 Datasheet
88Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
2SK2738 RENESAS-2SK2738 Datasheet
93Kb / 8P
Silicon N Channel MOS FET High Speed Power Switching
RJK4013DPE RENESAS-RJK4013DPE_09 Datasheet
110Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
RJK6066DPP-M0 RENESAS-RJK6066DPP-M0 Datasheet
88Kb / 4P
Silicon N Channel MOS FET High Speed Power Switching
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com