Electronic Components Datasheet Search
  English  ▼

X  

SMCJ11 Datasheet (PDF) - UNIOHM CORPORATION

SMCJ11 Datasheet PDF - UNIOHM CORPORATION
Part # SMCJ11
Download  SMCJ11 Download
File Size   359.81 Kbytes
Page   4 Pages
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS

SMCJ11 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMCJ11 Datasheet PDF - UNIOHM CORPORATION

Part # SMCJ11
Download  SMCJ11 Click to download

File Size   359.81 Kbytes
Page   4 Pages
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS

SMCJ11 Datasheet (HTML) - UNIOHM CORPORATION


SMCJ11 Product details

FEATURES
* For surface mount application
* Built-in strain relief
* Excellent clamping capability
* Low profile package
* Fast response time: Typically less than 1.0ps from 0 volt to BV min.
* Typical IR less than 1 μA above 10V
* High temperature soldering guaranteed: 260 °C / 10 seconds at terminals




Similar Part No. - SMCJ11

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ11 DCCOM-SMCJ11 Datasheet
1Mb / 4P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
General Semiconductor
SMCJ11 GE-SMCJ11 Datasheet
103Kb / 5P
SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMCJ11 MCC-SMCJ11 Datasheet
435Kb / 8P
Transient Voltage Suppressor 5.0 to 170 Volts 1500 Watt
logo
Microsemi Corporation
SMCJ11 MICROSEMI-SMCJ11 Datasheet
144Kb / 3P
UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
SMCJ11 MICROSEMI-SMCJ11 Datasheet
584Kb / 4P
SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
More results


Similar Description - SMCJ11

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Goodwork Semiconductor ...
SMAJ GWSEMI-SMAJ Datasheet
384Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Unisonic Technologies
SMBJXXXXX UTC-SMBJXXXXX Datasheet
232Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMDJXXX UTC-SMDJXXX Datasheet
204Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Nanjing International G...
P4SMA DGNJDZ-P4SMA Datasheet
100Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
P6SMB DGNJDZ-P6SMB Datasheet
99Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ DGNJDZ-SMBJ Datasheet
290Kb / 6P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ DGNJDZ-SMCJ Datasheet
268Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com