Electronic Components Datasheet Search
  English  ▼

X  

TC3879 Datasheet (PDF) - Transcom, Inc.

TC3879 Datasheet PDF - Transcom, Inc.
Part # TC3879
Download  TC3879 Download
File Size   58.56 Kbytes
Page   2 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description 7 W Packaged Single-Bias PHEMT GaAs Power FETs

TC3879 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC3879 Datasheet PDF - Transcom, Inc.

Part # TC3879
Download  TC3879 Click to download

File Size   58.56 Kbytes
Page   2 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description 7 W Packaged Single-Bias PHEMT GaAs Power FETs

TC3879 Datasheet (HTML) - Transcom, Inc.


TC3879 Product details

DESCRIPTION
The TC3879 is a self-bias flange ceramic packaged device with PHEMT GaAs FETs, which is designed to provide the single power supply. The flange ceramic package provides excellent thermal conductivity for the GaAs FET. The device is suitable for oscillators and power amplifiers in a wide range of commercial application. All devices are 100% DC tested to assure consistent quality.

FEATURES
● 7W Typical Output Power
● 10.5dB Typical Linear Power Gain at 2.45 GHz
● High Linearity: IP3 = 48.5 dBm Typical
● High Power Added Efficiency: Nominal PAE of 35%
● Breakdown Voltage: BVDGO ≥ 18V
● 100 % DC Tested
● Suitable for High Reliability Application




Similar Part No. - TC3879

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TC387 INFINEON-TC387 Datasheet
16Mb / 416P
32-Bit Single-Chip Microcontroller
V 1.2, 2021-03
TC387 INFINEON-TC387 Datasheet
747Kb / 33P
Application Kit Manual
V2.0 2018-06
logo
Transcom, Inc.
TC3873 TRANSCOM-TC3873 Datasheet
168Kb / 3P
5.25 - 5.875 GHz 3W prematched FETs
logo
Infineon Technologies A...
TC387QP160F300SADKXUMA1 INFINEON-TC387QP160F300SADKXUMA1 Datasheet
347Kb / 18P
AURIX™ TC38x variants
2019-06 v1.4
More results


Similar Description - TC3879

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC3889 ETC1-TC3889 Datasheet
162Kb / 1P
5W Packaged Self-Bias PHEMT GaAs Power FETs
TC3967 ETC1-TC3967 Datasheet
25Kb / 1P
2W Packaged Self-Bias PHEMT GaAs Power FETs
logo
Transcom, Inc.
TC2696 TRANSCOM-TC2696 Datasheet
54Kb / 2P
2 W Flange Ceramic Packaged PHEMT GaAs Power FETs
TC3947 TRANSCOM-TC3947 Datasheet
194Kb / 3P
0.5W Packaged Single-Bias PHEMT GaAs Power FETs
TC3957 TRANSCOM-TC3957 Datasheet
193Kb / 3P
1W Packaged Single-Bias PHEMT GaAs Power FETs
TC3967 TRANSCOM-TC3967 Datasheet
97Kb / 2P
2 W Packaged Single-Bias PHEMT GaAs Power FETs
TC3977 TRANSCOM-TC3977 Datasheet
28Kb / 1P
3 W Packaged Single-Bias PHEMT GaAs Power FETs
TC3918 TRANSCOM-TC3918 Datasheet
229Kb / 3P
Packaged Single-Bias Low Noise PHEMT GaAs FETs
TC3928 TRANSCOM-TC3928 Datasheet
155Kb / 2P
Packaged Single-Bias Low Noise PHEMT GaAs FETs
TC3938 TRANSCOM-TC3938 Datasheet
192Kb / 3P
Packaged Single-Bias Medium Power PHEMT GaAs FETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com