Electronic Components Datasheet Search
  English  ▼

X  

LX64EVCF4845 Datasheet (PDF) - Lattice Semiconductor

LX64EVCF4845 Datasheet PDF - Lattice Semiconductor
Part # LX64EVCF4845
Download  LX64EVCF4845 Download
File Size   546.87 Kbytes
Page   72 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description High Performance Interfacing and Switching

LX64EVCF4845 Datasheet (PDF)

Go To PDF Page Download Datasheet
LX64EVCF4845 Datasheet PDF - Lattice Semiconductor

Part # LX64EVCF4845
Download  LX64EVCF4845 Click to download

File Size   546.87 Kbytes
Page   72 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description High Performance Interfacing and Switching

LX64EVCF4845 Datasheet (HTML) - Lattice Semiconductor


LX64EVCF4845 Product details

Introduction
The ispGDX2™ family is Lattice’s second generation in-system programmable generic digital crosspoint switch for high speed bus switching and interface applications.
The ispGDX2 family is available in two options. The standard device supports sysHSI capability for ultra fast serial communications while the lower-cost “E-series” supports the same high-performance FPGA fabric without the sysHSI Block.
This family of switches combines a flexible switching architecture with advanced sysIO interfaces including high performance sysHSI Blocks, and sysCLOCK PLLs to meet the needs of the today’s high-speed systems. Through a muliplexer-intensive architecture, the ispGDX2 facilitates a variety of common switching functions.

Features
■ High Performance Bus Switching
   • High bandwidth
      – Up to 12.8 Gbps (SERDES)
      – Up to 38 Gbps (without SERDES)
   • Up to 16 (15x10) FIFOs for data buffering
   • High speed performance
      – fMAX = 360MHz
      – tPD = 3.0ns
      – tCO = 2.9ns
      – tS = 2.0ns
   • Built-in programmable control logic capability
   • I/O intensive: 64 to 256 I/Os
   • Expanded MUX capability up to 188:1 MUX
■ sysCLOCK™ PLL
   • Frequency synthesis and skew management
   • Clock multiply and divide capability
   • Clock shifting up to +/-2.35ns in 335ps steps
   • Up to four PLLs
■ sysIO™ Interfacing
   • LVCMOS 1.8, 2.5, 3.3 and LVTTL support for standard board interfaces
   • SSTL 2/3 Class I and II support
   • HSTL Class I, III and IV support
   • GTL+, PCI-X for bus interfaces
   • LVPECL, LVDS and Bus LVDS differential support
   • Hot socketing
   • Programmable drive strength
■ Two Options Available
   • High-performance sysHSI (standard part number)
   • Low-cost, no sysHSI (“E-Series”)
■ sysHSI Blocks Provide up to 16 High-speed Channels
   • Serializer/de-serializer (SERDES) included
   • Clock Data Recovery (CDR) built in
   • 800 Mbps per channel
   • LVDS differential support
   • 10B/12B support
      – Encoding / decoding
      – Bit alignment
      – Symbol alignment
   • 8B/10B support
      – Bit alignment
      – Symbol alignment
   • Source Synchronous support
■ Flexible Programming and Testing
   • IEEE 1532 compliant In-System Programmability (ISP™)
   • Boundary scan test through IEEE 1149.1 interface
   • 3.3V, 2.5V or 1.8V power supplies
   • 5V tolerant I/O for LVCMOS 3.3 and LVTTL interfaces




Similar Part No. - LX64EVCF4845

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LX64EV LATTICE-LX64EV Datasheet
654Kb / 75P
IC SWITCH DIGITAL 208FBGA
June 2010
LX64EV-3F100C LATTICE-LX64EV-3F100C Datasheet
654Kb / 75P
IC SWITCH DIGITAL 208FBGA
June 2010
LX64EV-3FN100C LATTICE-LX64EV-3FN100C Datasheet
654Kb / 75P
IC SWITCH DIGITAL 208FBGA
June 2010
LX64EV-5F100C LATTICE-LX64EV-5F100C Datasheet
654Kb / 75P
IC SWITCH DIGITAL 208FBGA
June 2010
LX64EV-5F100I LATTICE-LX64EV-5F100I Datasheet
654Kb / 75P
IC SWITCH DIGITAL 208FBGA
June 2010
More results


Similar Description - LX64EVCF4845

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AN1568 ONSEMI-AN1568 Datasheet
86Kb / 10P
Interfacing Between LVDS and ECL
October, 2003 ??Rev. 8
AND8066 ONSEMI-AND8066 Datasheet
69Kb / 8P
Interfacing with ECLinPS
May, 2002 ??Rev. 2
logo
Fairchild Semiconductor
AN-5029 FAIRCHILD-AN-5029 Datasheet
232Kb / 6P
Interfacing Between PECL and LVDS Differential Technologies
logo
Active-Semi, Inc
ACT364 ACTIVE-SEMI-ACT364_12 Datasheet
274Kb / 11P
High Performance ActivePSR Primary Switching Regulator
Rev 4, 14-Nov-12
logo
Toshiba Semiconductor
TLP2403 TOSHIBA-TLP2403 Datasheet
233Kb / 12P
High-Speed Digital Interfacing for Instrumentation and Control Devices Simplex/Multiplex Data Transmission
logo
STMicroelectronics
AN1318 STMICROELECTRONICS-AN1318 Datasheet
63Kb / 9P
INTERFACING BETWEEN LVDS AND HIGH
Feb-2001
logo
TAITRON Components Inco...
MMBD4148-193 TAITRON-MMBD4148-193 Datasheet
136Kb / 4P
High Performance Switching Diode
logo
ATMEL Corporation
C51 ATMEL-C51 Datasheet
49Kb / 4P
CAN Interfacing
logo
Lowpower Semiconductor ...
LP3320 POWER-LP3320 Datasheet
384Kb / 9P
High Performance, Constant Current Switching
logo
Analog Devices
AN-291 AD-AN-291 Datasheet
313Kb / 2P
Asynchronous clock Interfacing
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com