Electronic Components Datasheet Search
  English  ▼

X  

74ALVCH32245LB Datasheet (PDF) - STMicroelectronics

74ALVCH32245LB Datasheet PDF - STMicroelectronics
Part # 74ALVCH32245LB
Download  74ALVCH32245LB Download
File Size   207.06 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW VOLTAGE CMOS 32-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANTAT INPUTS AND OUTPUTS

74ALVCH32245LB Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVCH32245LB Datasheet PDF - STMicroelectronics

Part # 74ALVCH32245LB
Download  74ALVCH32245LB Click to download

File Size   207.06 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW VOLTAGE CMOS 32-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANTAT INPUTS AND OUTPUTS

74ALVCH32245LB Datasheet (HTML) - STMicroelectronics


74ALVCH32245LB Product details

DESCRIPTION
The 74ALVCH32245 is a low voltage CMOS 32-BIT BUS TRANSCEIVER (3-STATE) fabricated with sub-micron silicon gate and five-layer metal wiring C2MOS technology. It is ideal for 1.65 to 3.6 V applications; it can be interfaced to 3.6V signal enviroment for both inputs and outputs.
   
■ 3.6V TOLERANT INPUTS AND OUTPUTS
■ HIGH SPEED:
    tPD = 3.0ns (MAX.) at VCC = 3.0 to 3.6V
    tPD = 3.7ns (MAX.) at VCC = 2.3 to 2.7V
■ POWER DOWN PROTECTION ON INPUTS
    AND OUTPUTS
■ SYMMETRICAL OUTPUT IMPEDANCE:
    |IOH| = IOL = 24mA (MIN) at VCC = 3V
    |IOH| = IOL = 8mA (MIN) at VCC = 2.3V
■ OPERATING VOLTAGE RANGE:
    VCC(OPR) = 1.65V to 3.6V
■ PIN AND FUNCTION COMPATIBLE WITH
    74 SERIES 32245
■ BUS HOLD PROVIDED ON BOTH SIDE
■ LATCH-UP PERFORMANCE EXCEEDS
    300mA
■ ESD PERFORMANCE:
    HBM > 2000V (MIL STD 883 method 3015);
    MM > 200V
   




Similar Part No. - 74ALVCH32245LB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ALVCH32245 TI-74ALVCH32245 Datasheet
123Kb / 8P
32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Integrated Device Techn...
74ALVCH32245BF IDT-74ALVCH32245BF Datasheet
103Kb / 7P
3.3V CMOS 32-BIT BUS TRANSCEIVER
logo
Renesas Technology Corp
74ALVCH32245BF RENESAS-74ALVCH32245BF Datasheet
287Kb / 8P
3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
JUNE 2016
logo
Integrated Device Techn...
74ALVCH32245BF8 IDT-74ALVCH32245BF8 Datasheet
103Kb / 7P
3.3V CMOS 32-BIT BUS TRANSCEIVER
logo
Renesas Technology Corp
74ALVCH32245BF8 RENESAS-74ALVCH32245BF8 Datasheet
287Kb / 8P
3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
JUNE 2016
More results


Similar Description - 74ALVCH32245LB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VCX162244 STMICROELECTRONICS-74VCX162244 Datasheet
229Kb / 11P
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE)WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Feb-2003
74VCX162245 STMICROELECTRONICS-74VCX162245 Datasheet
279Kb / 13P
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Jul-2003
74VCXH32245 STMICROELECTRONICS-74VCXH32245 Datasheet
210Kb / 10P
LOW VOLTAGE CMOS 32-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANTAT INPUTS AND OUTPUTS
Dec-2001
74VCXH162245 STMICROELECTRONICS-74VCXH162245 Datasheet
272Kb / 11P
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Jul-2003
74VCXR162245 STMICROELECTRONICS-74VCXR162245 Datasheet
272Kb / 13P
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Jul-2003
54VCXHR162245 STMICROELECTRONICS-54VCXHR162245 Datasheet
236Kb / 11P
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
09-Jul-2004
74ALVCR162245 STMICROELECTRONICS-74ALVCR162245 Datasheet
512Kb / 11P
LOW VOLTAGE CMOS 16-BIT TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
25-Feb-2005
74ALVCH16245 STMICROELECTRONICS-74ALVCH16245 Datasheet
255Kb / 10P
LOW VOLTAGE CMOS 16-BIT TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Jul-2003
74VCX16245 STMICROELECTRONICS-74VCX16245 Datasheet
212Kb / 14P
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Nov-2003
74VCXH16245 STMICROELECTRONICS-74VCXH16245 Datasheet
292Kb / 11P
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Jul-2003
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com