Electronic Components Datasheet Search
  English  ▼

X  

SF46 Datasheet (PDF) - GOOD-ARK Electronics

SF46 Datasheet PDF - GOOD-ARK Electronics
Part # SF46
Download  SF46 Download
File Size   173.02 Kbytes
Page   2 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 4.0 Amperes

SF46 Datasheet (PDF)

Go To PDF Page Download Datasheet
SF46 Datasheet PDF - GOOD-ARK Electronics

Part # SF46
Download  SF46 Click to download

File Size   173.02 Kbytes
Page   2 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 4.0 Amperes

SF46 Datasheet (HTML) - GOOD-ARK Electronics


SF46 Product details

Reverse Voltage 50 to 1000 Volts Forward Current 4.0 Amperes

Features
♦ Glass passivated chip
♦ Super fast switching time for high efficiency
♦ Low forward voltage drop and high current capability
♦ Low reverse leakage current
♦ Plastic material has UL flammability classification 94V-0




Similar Part No. - SF46

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF46 MOSPEC-SF46 Datasheet
127Kb / 2P
POWER RECTIFIERS(4.0A,50-400V)
logo
Leshan Radio Company
SF46 LRC-SF46 Datasheet
206Kb / 7P
per Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 4.0A
logo
SIPAT Co,Ltd
SF463B SIPAT-SF463B Datasheet
556Kb / 7P
CDMA 450 Low Loss TX Filter
SF463C SIPAT-SF463C Datasheet
431Kb / 6P
CDMA 450 High Rejection RX Filter
logo
LEDTRONICS, INC
SF464 LEDTRONICS-SF464 Datasheet
4Mb / 28P
Miniature Based LED Lamps
More results


Similar Description - SF46

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GBL005 GOOD-ARK-GBL005 Datasheet
179Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 4.0 Amperes
GBU4A GOOD-ARK-GBU4A Datasheet
186Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 4.0 Amperes
SF51 GOOD-ARK-SF51_15 Datasheet
156Kb / 2P
Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 5.0 Amperes
SF41 GOOD-ARK-SF41_15 Datasheet
173Kb / 2P
Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 4.0 Amperes
SF31 GOOD-ARK-SF31_15 Datasheet
195Kb / 2P
Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
SF21 GOOD-ARK-SF21_15 Datasheet
190Kb / 2P
Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 2.0 Amperes
GBU4A GOOD-ARK-GBU4A_15 Datasheet
187Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 4.0 Amperes
KBJ4AV GOOD-ARK-KBJ4AV_15 Datasheet
167Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 4.0 Amperes
KBJ4A GOOD-ARK-KBJ4A_15 Datasheet
166Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 4.0 Amperes
GBL005 GOOD-ARK-GBL005_15 Datasheet
180Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 4.0 Amperes
More results




About GOOD-ARK Electronics


GOOD-ARK Electronics is a multinational company based in Taiwan that specializes in the design, development, and production of diodes, rectifiers, and transient voltage suppressors (TVS) for various applications. The company was founded in 1990 and has since expanded globally, with subsidiaries and sales offices in Asia, Europe, and the Americas.

GOOD-ARK Electronics' product portfolio includes a wide range of diodes, including standard, high-voltage, high-current, and ultrafast types, as well as TVS devices for ESD and surge protection. The company's products are used in various industries, such as automotive, consumer electronics, telecommunications, and industrial automation.

GOOD-ARK Electronics is committed to quality, reliability, and innovation, and it has obtained numerous certifications, such as ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and stringent quality control processes ensure that its products meet the highest standards of performance and reliability.

GOOD-ARK Electronics is recognized as one of the leading diode manufacturers in the world, with a strong reputation for providing high-quality and cost-effective solutions to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com