Electronic Components Datasheet Search
  English  ▼

X  

2W06G Datasheet (PDF) - TAITRON Components Incorporated

2W06G Datasheet PDF - TAITRON Components Incorporated
Part # 2W06G
Download  2W06G Download
File Size   204.48 Kbytes
Page   5 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 2A Glass Passivated Bridge Rectifier

2W06G Datasheet (PDF)

Go To PDF Page Download Datasheet
2W06G Datasheet PDF - TAITRON Components Incorporated

Part # 2W06G
Download  2W06G Click to download

File Size   204.48 Kbytes
Page   5 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 2A Glass Passivated Bridge Rectifier

2W06G Datasheet (HTML) - TAITRON Components Incorporated


2W06G Product details

Features
• Glass passivated chip junction
• High case dielectric strength
• Typical IR less than 0.5µA
• High surge current capability
• Ideal for printed circuit boards
• High temperature soldering guaranteed: 260˚C/10 seconds 0.375” (9.5mm) lead length at 5lbs.(2.3kg) tension
• This series is UL recognized under component index, File number E194718
• RoHS compliant




Similar Part No. - 2W06G

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
2W06G ZOWIE-2W06G Datasheet
47Kb / 2P
SINTERED GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
2W06G JGD-2W06G Datasheet
126Kb / 2P
SINGLE PHASE 2.0 AMP. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
2W06G FAIRCHILD-2W06G Datasheet
30Kb / 3P
2.0 Ampere Glass Passivated Bridge Rectifiers
logo
Diodes Incorporated
2W06G DIODES-2W06G Datasheet
53Kb / 2P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21204 Rev. G-2
logo
Fuji Electric
2W06G FUJI-2W06G Datasheet
729Kb / 1P
2 AMP GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Similar Description - 2W06G

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
GBP2005 FRONTIER-GBP2005 Datasheet
177Kb / 2P
2A GLASS PASSIVATED BRIDGE RECTIFIER
GBP2005G FRONTIER-GBP2005G Datasheet
178Kb / 2P
2A GLASS PASSIVATED BRIDGE RECTIFIER
KBP2005G FRONTIER-KBP2005G Datasheet
144Kb / 2P
2A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
2KBP005G LUGUANG-2KBP005G Datasheet
206Kb / 1P
2A Glass Passivated Silicon Bridge Rectifier
logo
Taiwan Semiconductor Co...
ABS20M TSC-ABS20M Datasheet
212Kb / 4P
2A, 1000V Glass Passivated Bridge Rectifier
ABS20M-T TSC-ABS20M-T Datasheet
211Kb / 4P
2A, 1000V Glass Passivated Bridge Rectifier
logo
Diodes Incorporated
HDS20M DIODES-HDS20M Datasheet
492Kb / 5P
2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev 3
logo
First Silicon Co., Ltd
FTB1S-20 FS-FTB1S-20 Datasheet
510Kb / 3P
2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
YBS2001 FS-YBS2001 Datasheet
614Kb / 3P
2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
AiT Semiconductor Inc.
ABS201 AITSEMI-ABS201 Datasheet
517Kb / 5P
BRIDGE RECTIFIER 2A SURFACE MOUNT GLASS PASSIVATED
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com