Electronic Components Datasheet Search
  English  ▼

X  

MDT2051 Datasheet (PDF) - Micon Design Technology Corporation

MDT2051 Datasheet PDF - Micon Design Technology Corporation
Part # MDT2051
Download  MDT2051 Download
File Size   75.73 Kbytes
Page   13 Pages
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation
Description 8-bit micro-controller

MDT2051 Datasheet (PDF)

Go To PDF Page Download Datasheet
MDT2051 Datasheet PDF - Micon Design Technology Corporation

Part # MDT2051
Download  MDT2051 Click to download

File Size   75.73 Kbytes
Page   13 Pages
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation
Description 8-bit micro-controller

MDT2051 Datasheet (HTML) - Micon Design Technology Corporation


MDT2051 Product details

General Description
This EPROM-Based 8-bit micro-controller uses a fully static CMOS technology process to achieve higher speed and smaller size with the low power consump-tion and high noise immunity. On chip memory incl-udes 1K words of ROM, and 68 bytes of static RAM.

Features
The followings are some of the features on the hardware and software :
◆ Fully CMOS static design
◆ 8-bit data bus
◆ On chip EPROM size : 1.0 K words
◆ Internal RAM size : 84 bytes
   (68 general purpose registers, 16 special registers)
◆ 37 single word instructions
◆ 14-bit instructions
◆ 8-level stacks
◆ Operating voltage : 2.5 V ~ 5.5 V (PRD Disable)
                                    4.5 V ~ 5.5 V (PRD Enable)
◆ Operating frequency : DC ~ 20 MHz
◆ The most fast execution time is 200 ns under 20 MHz in all single cycle instructions except the branch instruction
◆ Addressing modes include direct, indirect and relative addressing modes
◆ Power-on Reset
◆ Power edge-detector Reset
◆ Power range-detector Reset
◆ Sleep Mode for power saving
◆ Four interrupt sources:
   -External INT pin
   -TMR0 timer
   -A/D conversion completion
   -PortB<7:4> interrupt on change
◆ A/D converter module:
   -Four analog inputs multiplexed into one A/D converter
   -8-bit resolution
◆ 4 types of oscillator can be selected by programming option:
   RC- Low cost RC oscillator
   LFXT- Low frequency crystal oscillator
   XTAL- Standard crystal oscillator
   HFXT- High frequency crystal oscillator
◆ 8-bit real time clock/counter(RTCC) with 8-bit programmable prescaler
◆ On-chip RC oscillator based Watchdog
   Timer(WDT)
◆ 13 I/O pins with their own independent direction control

Applications
   The application areas of this MDT2051 range from appliance motor control and high speed automotive to low power remote transmitters/receivers, pointing devices, and telecommunications processors, such as Remote controller, small instruments, chargers, toy, automobile and PC peripheral … etc.




Similar Part No. - MDT2051

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDT2051 ETC1-MDT2051 Datasheet
76Kb / 14P
8-bit micro-controller uses a fully static CMOS design technology
More results


Similar Description - MDT2051

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
8-Bit Micro-controller
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P22 MDTIC-MDT10P22 Datasheet
118Kb / 17P
8-bit micro-controller
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
8-Bit Micro-Controller
logo
Micon Design Technology...
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
8-bit micro-controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com