Electronic Components Datasheet Search
  English  ▼

X  

ZMMC30 Datasheet (PDF) - TAITRON Components Incorporated

ZMMC30 Datasheet PDF - TAITRON Components Incorporated
Part # ZMMC30
Download  ZMMC30 Download
File Size   199.36 Kbytes
Page   5 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 500mW Surface Mount Zener Diodes

ZMMC30 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZMMC30 Datasheet PDF - TAITRON Components Incorporated

Part # ZMMC30
Download  ZMMC30 Click to download

File Size   199.36 Kbytes
Page   5 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 500mW Surface Mount Zener Diodes

ZMMC30 Datasheet (HTML) - TAITRON Components Incorporated


ZMMC30 Product details

500mW Surface Mount Zener Diodes
   
Features
• Planar Die Construction
• 500mW Power Dissipation
• Very Sharp Reverse Characteristic
• Very High Stability
• Low Reverse Current Level
• Standard Zener Voltage Tolerance is ± 5 %
• Ideally Suited for Automated Assembly Processes
• RoHS Compliant
   




Similar Part No. - ZMMC30

ManufacturerPart #DatasheetDescription
logo
Olitech Electronics Co....
ZMM OLITECH-ZMM Datasheet
638Kb / 3P
ZENER DIODES
logo
Shanghai Shunye Electro...
ZMM 10 SHUNYE-ZMM 10 Datasheet
270Kb / 3P
SURFACE MOUNT ZENER DIODES
V2.22
ZMM 11 SHUNYE-ZMM 11 Datasheet
270Kb / 3P
SURFACE MOUNT ZENER DIODES
V2.22
ZMM 12 SHUNYE-ZMM 12 Datasheet
270Kb / 3P
SURFACE MOUNT ZENER DIODES
V2.22
ZMM 13 SHUNYE-ZMM 13 Datasheet
270Kb / 3P
SURFACE MOUNT ZENER DIODES
V2.22
More results


Similar Description - ZMMC30

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TZM5221B TAITRON-TZM5221B Datasheet
204Kb / 5P
500mW Surface Mount Zener Diodes
TZMC2V4 TAITRON-TZMC2V4 Datasheet
199Kb / 5P
500mW Surface Mount Zener Diodes
ZMM5221B TAITRON-ZMM5221B Datasheet
204Kb / 5P
500mW Surface Mount Zener Diodes
logo
SUNMATE electronic Co.,...
MMSZ2V4 SUNMATE-MMSZ2V4 Datasheet
387Kb / 3P
500mW Surface Mount Zener Diodes
MMSZ4678 SUNMATE-MMSZ4678 Datasheet
316Kb / 2P
500mW Surface Mount Zener Diodes
MMSZ5221 SUNMATE-MMSZ5221 Datasheet
224Kb / 2P
500mW Surface Mount Zener Diodes
logo
CHENG-YI ELECTRONIC CO....
MMSZ5221B CHENG-YI-MMSZ5221B Datasheet
734Kb / 4P
500mW SURFACE MOUNT ZENER DIODES
logo
SeCoS Halbleitertechnol...
BZT52C SECOS-BZT52C Datasheet
685Kb / 4P
500mW SOD-123 Surface Mount Zener Diodes
MTSZ52XXBW SECOS-MTSZ52XXBW Datasheet
478Kb / 4P
500mW, SOD-123LH Surface Mount Zener Diodes
logo
E-CMOS Corporation
ECCZD55C2V0 E-CMOS-ECCZD55C2V0 Datasheet
293Kb / 7P
500mW Surface Mount Zener Diodes - 2.0V-100V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com