Electronic Components Datasheet Search
  English  ▼

X  

CW1053ALDP Datasheet (PDF) - CellWise Microelectronics

CW1053ALDP Datasheet PDF - CellWise Microelectronics
Part # CW1053ALDP
Download  CW1053ALDP Download
File Size   938.62 Kbytes
Page   15 Pages
Manufacturer  CELLWISE [CellWise Microelectronics]
Direct Link  http://en.cellwise-semi.com/
Logo CELLWISE - CellWise Microelectronics
Description 5-Cell Battery Protection IC

CW1053ALDP Datasheet (PDF)

Go To PDF Page Download Datasheet
CW1053ALDP Datasheet PDF - CellWise Microelectronics

Part # CW1053ALDP
Download  CW1053ALDP Click to download

File Size   938.62 Kbytes
Page   15 Pages
Manufacturer  CELLWISE [CellWise Microelectronics]
Direct Link  http://en.cellwise-semi.com/
Logo CELLWISE - CellWise Microelectronics
Description 5-Cell Battery Protection IC

CW1053ALDP Datasheet (HTML) - CellWise Microelectronics


CW1053ALDP Product details

Features
 Overcharge Protection
• Threshold range: 4.175V–4.350V, 25mV steps, ±25mV
accuracy
 Overdischarge Protection
• Threshold range: 2.300V–3.000V, 100mV steps,
±80mV accuracy
 Overcurrent Protection
• Overcurrent Detection 1
Threshold range: 0.030V–0.100V, 10mV steps, ±5mV
accuracy
• Overcurrent Detection 2
Threshold range: 0.060V–0.200V, 20mV steps, ±5mV
accuracy
• Short-Circuit Protection
Threshold range: 0.090V–0.600V, 30mV steps, ±10mV
accuracy
 Over-temperature Protection (during charging/discharging)
 Automatic recovery after overcurrent protection
 Low-power Design
• Operating mode: 15µA (25°C)
• Sleep mode: 5µA (25°C)
 Package Types: SSOP16/SOP16/QFN16L




Similar Part No. - CW1053ALDP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CW1053ALAS ETC1-CW1053ALAS Datasheet
808Kb / 13P
5-cell battery protection IC
CW1053ALBP ETC1-CW1053ALBP Datasheet
808Kb / 13P
5-cell battery protection IC
CW1053ALCP ETC1-CW1053ALCP Datasheet
808Kb / 13P
5-cell battery protection IC
CW1053ALEP ETC1-CW1053ALEP Datasheet
808Kb / 13P
5-cell battery protection IC
CW1053ALJP ETC1-CW1053ALJP Datasheet
808Kb / 13P
5-cell battery protection IC
More results


Similar Description - CW1053ALDP

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ9004D AOSMD-AOZ9004D Datasheet
473Kb / 16P
Single-Cell Battery Protection IC
AOZ9005D AOSMD-AOZ9005D Datasheet
380Kb / 16P
Single-Cell Battery Protection IC
logo
E-CMOS Corporation
EC9526A E-CMOS-EC9526A Datasheet
842Kb / 10P
One-cell Lithium Battery Protection IC
logo
List of Unclassifed Man...
CW1053 ETC1-CW1053 Datasheet
808Kb / 13P
5-cell battery protection IC
logo
Shenzhen Huazhimei Semi...
HM5510D HMSEMI-HM5510D Datasheet
185Kb / 6P
Single cell lithium battery protection IC
logo
Neotec Semiconductor Lt...
NT1724 NEOTEC-NT1724 Datasheet
347Kb / 4P
Battery Protection IC for 2-Cell
V1.05
NT1732A NEOTEC-NT1732A Datasheet
393Kb / 4P
Battery Protection IC for Multi-Cell (Secondary Protection)
V2.11
NT1732B NEOTEC-NT1732B Datasheet
395Kb / 4P
Battery Protection IC for Multi-Cell (Secondary Protection)
V1.02
NT1742 NEOTEC-NT1742 Datasheet
384Kb / 4P
Battery Protection IC for Multi-Cell (Secondary Protection)
V2.30
NT1793 NEOTEC-NT1793 Datasheet
251Kb / 4P
Battery Protection IC for Multi-Cell (Secondary Protection)
V1.93
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com