Electronic Components Datasheet Search
  English  ▼

X  

TDA1517P Datasheet (PDF) - NXP Semiconductors

TDA1517P Datasheet PDF - NXP Semiconductors
Part # TDA1517P
Download  TDA1517P Download
File Size   343.74 Kbytes
Page   15 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 2 x 6 W stereo power amplifier

TDA1517P Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA1517P Datasheet PDF - NXP Semiconductors

Part # TDA1517P
Download  TDA1517P Click to download

File Size   343.74 Kbytes
Page   15 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 2 x 6 W stereo power amplifier

TDA1517P Datasheet (HTML) - NXP Semiconductors


TDA1517P Product details

FEATURES
• Requires very few external components
• High output power
• Fixed gain
• Good ripple rejection
• Mute/standby switch
• AC and DC short-circuit safe to ground and VP
• Thermally protected
• Reverse polarity safe
• Capability to handle high energy on outputs (VP = 0 V)
• No switch-on/switch-off plop
• Electrostatic discharge protection.
GENERAL DESCRIPTION
The TDA1517 is an integrated class-B dual output
amplifier in a plastic single in-line medium power package
with fin (SIL9MPF), a plastic rectangular-bent single in-line
medium power package with fin (RBS9MPF) or a plastic
heat-dissipating dual in-line package (HDIP18). The
device is primarily developed for multi-media applications.




Similar Part No. - TDA1517P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1517P PHILIPS-TDA1517P Datasheet
97Kb / 12P
2 x 6 W stereo power amplifier
1998 Apr 28
logo
Bookly Micro electronic
TDA1517P BOOKLY-TDA1517P Datasheet
233Kb / 9P
2x6 W Hi-fi stereo power amplifier
More results


Similar Description - TDA1517P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1517 PHILIPS-TDA1517 Datasheet
97Kb / 12P
2 x 6 W stereo power amplifier
1998 Apr 28
TDA1519 PHILIPS-TDA1519 Datasheet
84Kb / 10P
2 x 6 W stereo car radio power amplifier
May 1992
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
logo
Texas Instruments
TPA1517 TI-TPA1517 Datasheet
352Kb / 20P
6-W STEREO AUDIO POWER AMPLIFIER
logo
KODENSHI_AUK CORP.
KKA1519 KODENSHI-KKA1519 Datasheet
298Kb / 9P
2 x 6 WATT STEREO POWER AMPLIFIER
KKA1519B KODENSHI-KKA1519B Datasheet
200Kb / 6P
2 x 6 Watt Stereo Power Amplifier
logo
Unisonic Technologies
PA1517 UTC-PA1517 Datasheet
209Kb / 7P
2 횞 6 W STEREO POWER AMPLIFIER
PA1517 UTC-PA1517_15 Datasheet
284Kb / 9P
2 x 6 W STEREO POWER AMPLIFIER
logo
Texas Instruments
TPA1517 TI-TPA1517_15 Datasheet
674Kb / 23P
6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI1-TPA1517_17 Datasheet
927Kb / 23P
6-W STEREO AUDIO POWER AMPLIFIER
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com