Electronic Components Datasheet Search
  English  ▼

X  

DT000076 Datasheet (PDF) - Multicomp Pro

DT000076 Datasheet PDF - Multicomp Pro
Part # DT000076
Download  DT000076 Download
File Size   187.23 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Waterproof Case

DT000076 Datasheet (PDF)

Go To PDF Page Download Datasheet
DT000076 Datasheet PDF - Multicomp Pro

Part # DT000076
Download  DT000076 Click to download

File Size   187.23 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Waterproof Case

DT000076 Datasheet (HTML) - Multicomp Pro


DT000076 Product details

[Features]
• Waterproof and dustproof IP67 certified
• Watertight seal around lid
• Automatic pressure release valve
• Easy to open double throw latches
• Load tested soft grip handle
• Holes for double padlocking
• Holes for shoulder strap
• Stackable interlocking system
• Thick body material
• Extra fixing points
• Fully length hinges
• Nylon pins, corrosion free
• Screen printing space and rectangular resin label space on the lid
• Body and handle: polypropylene copolymer
• Latches: nylon
• Pins: nylon + 30% fiberglass
• O-ring: polymer
Speciafications
Colour : Black
External Dimensions : 555 × 428 × H211mm (21.85 × 16.85 × H8.31 inch)
Internal Dimensions : 500 × 350 × H194mm (19.69 × 13.78 × H7.64 inch)
Lid-Bottom Depth : 58 + 136mm (2.28 + 5.36 inch)
Weight W/O Foam : 6.02kg (13.27lbs)
Range Temperature : -30°C to +90°C (-22°F to +194°F)
Molding : Injection Molding
Features : IP67, DEF STAN 81-41, STANAG 4280
Pcs Per Carton : 1
Carton Dimensions : 570×450×235mm (22.44×17.72×9.25 inch)




Similar Part No. - DT000076

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
DT000073 DURATOOL-DT000073 Datasheet
171Kb / 1P
Magnifying Lamp
08/12/23 V1.2
DT000074 DURATOOL-DT000074 Datasheet
132Kb / 1P
LED Magnifying Lamp
11/12/18 V1.0
logo
Multicomp Pro
DT000075 MULTICOMP-DT000075 Datasheet
194Kb / 1P
Waterproof Case
04/06/21
DT000077 MULTICOMP-DT000077 Datasheet
187Kb / 1P
Waterproof Case
04/06/21
logo
Premier Farnell Limited...
DT000078 DURATOOL-DT000078 Datasheet
165Kb / 1P
Desoldering Wick with Wheel Dispenser
29/10/18 V1.1
More results


Similar Description - DT000076

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
HP1 CTS-HP1 Datasheet
541Kb / 7P
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
HP3 CTS-HP3 Datasheet
430Kb / 6P
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA-B3 CTS-LA-B3 Datasheet
221Kb / 2P
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA-B4 CTS-LA-B4 Datasheet
300Kb / 2P
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LB66B1 CTS-LB66B1 Datasheet
196Kb / 2P
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LB66B2 CTS-LB66B2 Datasheet
171Kb / 2P
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA-A1 CTS-LA-A1 Datasheet
87Kb / 2P
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
logo
PHOENIX CONTACT
1229456 PHOENIX-1229456 Datasheet
45Kb / 1P
Case - THERMOMARK GO CASE
0803675 PHOENIX-0803675 Datasheet
51Kb / 2P
Case - TMP CASE
09/11/2020
2906272 PHOENIX-2906272 Datasheet
50Kb / 2P
Transport case - PA-CASE 2
12/24/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com