Electronic Components Datasheet Search
  English  ▼

X  

DF06S-T Datasheet (PDF) - Multicomp Pro

DF06S-T Datasheet PDF - Multicomp Pro
Part # DF06S-T
Download  DF06S-T Download
File Size   438.23 Kbytes
Page   3 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Glass Passivated Bridge Rectifier

DF06S-T Datasheet (PDF)

Go To PDF Page Download Datasheet
DF06S-T Datasheet PDF - Multicomp Pro

Part # DF06S-T
Download  DF06S-T Click to download

File Size   438.23 Kbytes
Page   3 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Glass Passivated Bridge Rectifier

DF06S-T Datasheet (HTML) - Multicomp Pro


DF06S-T Product details

[Features]
• Rating to 1,000V PRVP
• Ideal for Printed Circuit Board
• Low Forward Voltage Drop, High Current Capability
• Reliable Low Cost Construction Utilizing Moulded Plastic Technique
Results in Inexpensive Product
Maximum Ratings and Thermal Characteristics
Ratings at 25°C ambient temperature unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate by 20%.
Characteristic Symbol DF06S-T Units
Maximum repetitive peak reverse voltage VRRM 600 V
Maximum RMS voltage VRWS 420 V
Maximum DC blocking voltage V DC 600 V
Maximum average forward Output current at TA = 40°C IF(AV) 1 A
Peak forward surge current 8.3ms single half-sine-wave superimposed
IFSM 50 A
on rated load (JEDEC METHOD)
Maximum instantaneous forward voltage at 1A DC VF 1.1 V
Maximum DC reverse current TJ=25°C 10
IR μA
at rated DC blocking voltage TJ=125°C 500
It Rating for fusing (t < 8.3ms) I2t 10.4 A2S
Typical junction capacitance per element (Note1) CJ 25 pF
Typical thermal resistance (Note 2) RθJA 40 °CW
Operating junction and storage temperature range TJ, TSTG -55 to +150 °C




Similar Part No. - DF06S-T

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF06S-T3 WTE-DF06S-T3 Datasheet
57Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DF06S-T3 WTE-DF06S-T3 Datasheet
78Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shenzhen Yixinwei Techn...
DF06S-T3 YIXIN-DF06S-T3 Datasheet
186Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Similar Description - DF06S-T

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBPC3500 PANJIT-GBPC3500_04 Datasheet
66Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIER
logo
Chongqing Pingwei Enter...
GBJ10005 CHONGQING-GBJ10005 Datasheet
43Kb / 1P
GLASS PASSIVATED BRIDGE RECTIFIER
GBJ15005 CHONGQING-GBJ15005 Datasheet
43Kb / 1P
GLASS PASSIVATED BRIDGE RECTIFIER
GBU4A CHONGQING-GBU4A Datasheet
41Kb / 1P
GLASS PASSIVATED BRIDGE RECTIFIER
GBU6A CHONGQING-GBU6A Datasheet
41Kb / 1P
GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diotech Company.
GBJ4005 DIOTECH-GBJ4005 Datasheet
953Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
GBU402H ZOWIE-GBU402H Datasheet
72Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIER
GBU1002 ZOWIE-GBU1002 Datasheet
74Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIER
logo
SHIKUES Electronics
KBP2005 SKTECHNOLGY-KBP2005 Datasheet
635Kb / 3P
Glass Passivated Bridge Rectifier
logo
Pan Jit International I...
DXK410 PANJIT-DXK410 Datasheet
218Kb / 5P
Glass Passivated Bridge Rectifier
REV.01 June 21,2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com