Electronic Components Datasheet Search
  English  ▼

X  

53110920 Datasheet (PDF) - Lapp.

53110920 Datasheet PDF - Lapp.
Part # 53110920
Download  53110920 Download
File Size   303.93 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINTOP® BS-M / BSR-M

53110920 Datasheet (PDF)

Go To PDF Page Download Datasheet
53110920 Datasheet PDF - Lapp.

Part # 53110920
Download  53110920 Click to download

File Size   303.93 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINTOP® BS-M / BSR-M

53110920 Datasheet (HTML) - Lapp.


53110920 Product details

Technical features:
Connecting thread M12x1,5 up to M32x1,5 acc. to EN 60423
Functional thread Multi-start trapezoidal thread
Protection class / NEMA Type Rating IP68 - 5 bar, test acc. to EN 60529
NEMA Type 1 and Type 12
Strain relief Cat. A acc. to EN 50262
Temperature range -20 °C up to +100 °C
Flammability V2 acc. to UL 94
Colour RAL 7001 silver-grey
RAL 7035 light-grey
RAL 9005 black, UV-resistant
Design BS-M standard
BSR-M with reducing sealing ring




Similar Part No. - 53110920

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
531109 FESTO-531109 Datasheet
91Kb / 1P
Air preparation combination unit
2/9/22
More results


Similar Description - 53110920

ManufacturerPart #DatasheetDescription
logo
Lapp.
53015600 LAPP-53015600 Datasheet
143Kb / 2P
SKINTOP® BS
23.11.2021
53016610 LAPP-53016610 Datasheet
149Kb / 2P
SKINTOP® BS NPT
23.11.2021
53017420 LAPP-53017420 Datasheet
327Kb / 2P
SKINTOP® BT-M
25.11.2021
53111600 LAPP-53111600 Datasheet
334Kb / 2P
SKINTOP® BS-M / BSR-M
20.06.2023
53113500 LAPP-53113500 Datasheet
256Kb / 2P
SKINTOP® COLD M / COLD-R M
02.12.2021
53119000 LAPP-53119000 Datasheet
121Kb / 2P
SKINTOP® GMP-GL-M
19.02.2019
53316220 LAPP-53316220 Datasheet
152Kb / 3P
SKINTOP® DIX-M
08.03.2022
53806760 LAPP-53806760 Datasheet
132Kb / 2P
SKINTOP® BS-M METAL / BSR-M METAL
10.11.2021
54113000 LAPP-54113000 Datasheet
86Kb / 1P
SKINTOP® DV-M
03.07.2018
54113002 LAPP-54113002 Datasheet
116Kb / 2P
SKINTOP® SDV-M / SDVR-M ATEX
03.07.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com