Electronic Components Datasheet Search
  English  ▼

X  

53112060 Datasheet (PDF) - Lapp.

53112060 Datasheet PDF - Lapp.
Part # 53112060
Download  53112060 Download
File Size   347.06 Kbytes
Page   3 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINTOP® MS-M / MSR-M

53112060 Datasheet (PDF)

Go To PDF Page Download Datasheet
53112060 Datasheet PDF - Lapp.

Part # 53112060
Download  53112060 Click to download

File Size   347.06 Kbytes
Page   3 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINTOP® MS-M / MSR-M

53112060 Datasheet (HTML) - Lapp.


53112060 Product details

Technical features:
Connecting thread M12x1.5 up to M110x2 acc. to DIN EN 60423
Protection class / NEMA Type Rating IP66 acc. to DIN EN 60529
IP 68 – 10bar / 30min for M12x1,5 to M50x1,5 acc. to DIN EN 60529
IP 68 – 5bar / 30min for M63x1,5 acc. to DIN EN 60529
IP 68 – 1bar / 30min for M63x1,5plus & M75x1,5 acc. to DIN EN 60529
IP 69 for M12x1,5 up to M63x1,5 acc. to DIN EN 60529
Liquid tight cord grip acc. to UL514B, CSA C22.2 No. 18.3-12
Type 1, Type 4x, Type 6 and Type 12 acc to UL 50E, CSA C22.2 No. 94.2-15
Strain relief Category A according to DIN EN 62444
Temperature range Dynamic -25°C up to +100°C
Static -40°C up to +100°C
Design MS-M standard
MSR-M with reducing sealing ring (for smaller cable diameters)
Corrosion protection Salt spray test (168 H. / 35°C) acc. to DIN EN ISO 9227




Similar Part No. - 53112060

ManufacturerPart #DatasheetDescription
logo
Lapp.
53112067 LAPP-53112067 Datasheet
275Kb / 2P
SKINTOP® MS-NPT BRUSH
02.12.2021
More results


Similar Description - 53112060

ManufacturerPart #DatasheetDescription
logo
Lapp.
52015700 LAPP-52015700 Datasheet
183Kb / 3P
SKINTOP® MS / MSR
03.07.2018
52115700 LAPP-52115700 Datasheet
144Kb / 2P
SKINTOP® MS-XL/ MSR-XL
03.07.2018
53017420 LAPP-53017420 Datasheet
327Kb / 2P
SKINTOP® BT-M
25.11.2021
53111600 LAPP-53111600 Datasheet
334Kb / 2P
SKINTOP® BS-M / BSR-M
20.06.2023
53112004 LAPP-53112004 Datasheet
251Kb / 2P
SKINTOP® MS-NPT / MSR-NPT
02.12.2021
53112005 LAPP-53112005 Datasheet
293Kb / 2P
SKINTOP® MS-M-XL / MSR-M-XL
20.06.2023
53112530 LAPP-53112530 Datasheet
122Kb / 2P
SKINTOP® MS-HF-M SC
18.12.2020
53112570 LAPP-53112570 Datasheet
160Kb / 2P
SKINTOP® MS-HF-M
03.07.2018
53112780 LAPP-53112780 Datasheet
104Kb / 2P
SKINTOP® MS-IS-M
03.07.2018
54113000 LAPP-54113000 Datasheet
86Kb / 1P
SKINTOP® DV-M
03.07.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com