Electronic Components Datasheet Search
  English  ▼

X  

2907916 Datasheet (PDF) - PHOENIX CONTACT

2907916 Datasheet PDF - PHOENIX CONTACT
Part # 2907916
Download  2907916 Download
File Size   1362.61 Kbytes
Page   66 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Power supply unit QUINT4-PS/3AC/24DC/40/IOL

2907916 Datasheet (PDF)

Go To PDF Page Download Datasheet
2907916 Datasheet PDF - PHOENIX CONTACT

Part # 2907916
Download  2907916 Click to download

File Size   1362.61 Kbytes
Page   66 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Power supply unit QUINT4-PS/3AC/24DC/40/IOL

2907916 Datasheet (HTML) - PHOENIX CONTACT


2907916 Product details

1 Description
QUINT POWER power supplies with SFB Technology and
preventive function monitoring ensure superior system
availability.
Powerful
– SFB Technology: 6 times the nominal current for 15 ms
– Power reserves:
Static boost of up to 125% (PN) for a sustained period
Dynamic boost of up to 200% (PN) for 5 s
Communicative
– Use in all industrial networks with integrated IO-Link
interface
– System integration with direct connection to the QUINT
UPS or the CAPAROC circuit breaker system
Robust
– Mains buffering ≥ 20 ms
– High degree of electrical immunity, thanks to integrated
gas discharge tube (6 kV)
Preventive
– Comprehensive signaling:
Relay contact, LED bar graph
– Needs-based maintenance and effective replacementpart
procurement with information on the remaining
service life




Similar Part No. - 2907916

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2907916 PHOENIX-2907916 Datasheet
250Kb / 9P
Type 3 surge protection device - PLT-SEC-T3-24-FM-UT
2907916 PHOENIX-2907916 Datasheet
356Kb / 29P
Power supply unit
2019-04-09
2907916 PHOENIX-2907916 Datasheet
398Kb / 31P
QUINT4-PS/1AC/5DC/5/PT Power supply unit
2019-11-06
2907916 PHOENIX-2907916 Datasheet
1Mb / 50P
QUINT4-PS/1AC/24DC/40
2019-11-11
2907916 PHOENIX-2907916 Datasheet
361Kb / 30P
QUINT4-PS/1AC/12DC/2.5/PT
2019-04-09
More results


Similar Description - 2907916

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
107103 PHOENIX-107103 Datasheet
549Kb / 38P
QUINT4-PS/3AC/24DC/5
2866404 PHOENIX-2866404 Datasheet
86Kb / 6P
Power supply unit - TRIO-PS/3AC/24DC/40
2904621 PHOENIX-2904621 Datasheet
509Kb / 39P
QUINT4-PS/3AC/24DC/10
2904622 PHOENIX-2904622 Datasheet
95Kb / 8P
Power supply unit - QUINT4-PS/3AC/24DC/20
2866734 PHOENIX-2866734 Datasheet
131Kb / 10P
Power supply unit - QUINT-PS/3AC/24DC/ 5
09/12/2020
2904603 PHOENIX-2904603 Datasheet
211Kb / 15P
Power supply unit - QUINT4-PS/1AC/24DC/40
09/12/2020
2904623 PHOENIX-2904623 Datasheet
206Kb / 15P
Power supply unit - QUINT4-PS/3AC/24DC/40
09/12/2020
107104 PHOENIX-107104 Datasheet
509Kb / 39P
QUINT4-PS/3AC/24DC/10
2016-11-29
2904627 PHOENIX-2904627 Datasheet
710Kb / 23P
Power supply unit - QUINT4-PS/3AC/48DC/20
Nov 16, 2022
2904618 PHOENIX-2904618 Datasheet
738Kb / 21P
Power supply unit - QUINT4-PS/1AC/24DC/40/
Nov 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com