Electronic Components Datasheet Search
  English  ▼

X  

PM8 Datasheet (PDF) - Panasonic Semiconductor

PM8 Datasheet PDF - Panasonic Semiconductor
Part # PM8
Download  PM8 Download
File Size   1154.52 Kbytes
Page   9 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Anti-Surge Thick Film Chip Resistors

PM8 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM8 Datasheet PDF - Panasonic Semiconductor

Part # PM8
Download  PM8 Click to download

File Size   1154.52 Kbytes
Page   9 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Anti-Surge Thick Film Chip Resistors

PM8 Datasheet (HTML) - Panasonic Semiconductor


PM8 Product details

Features
● ESD surge characteristics superior to standard metal film resistors
● High reliability : Metal glaze thick film resistive element and three layers of electrodes
● Suitable for both reflow and flow soldering
● High power 0.20 W : 0603 inch / 1608 mm size (ERJP03)
0.20 W : 0402 inch / 1005 mm size (ERJPA2)
0.33 W : 0603 inch / 1608 mm size (ERJPA3)
0.50 W : 0805 inch / 2012 mm size (ERJP06), 1210 inch / 3225 mm size (ERJP14)
0.66 W : 1206 inch / 3216 mm size (ERJP08)
● High precision, High voltage, High resistance value (ERJPM8)
: Limiting element voltage 500 V, Resistance tolerance ±1 %, TCR ±100 (x 10-6 / K)
● Reference standard : IEC 60115-8,JIS C 5201-8,JEITA RC-2134C
● AEC-Q200 compliant
● RoHS compliant




Similar Part No. - PM8

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
PM8 SEMTECH-PM8 Datasheet
99Kb / 3P
Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
logo
M-System Co.,Ltd.
PM8 MSYSTEM-PM8 Datasheet
78Kb / 1P
Dual Output Super-mini Signal Conditioners Pico-M Series
logo
Panasonic Semiconductor
PM8 PANASONIC-PM8 Datasheet
625Kb / 9P
Anti-Surge Thick Film Chip Resistors
24-Feb-22
PM8 PANASONIC-PM8 Datasheet
1Mb / 8P
Anti-Surge Thick Film Chip Resistors
27-Jul-21
logo
Powerbox
PM80 POWERBOX-PM80 Datasheet
514Kb / 1P
60 - 80 WATTS DC/DC SINGLE - DUAL
More results


Similar Description - PM8

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-P14D1003U PANASONIC-ERJ-P14D1003U Datasheet
177Kb / 6P
Anti-Surge Thick Film Chip Resistors
ERJ-P14J162U PANASONIC-ERJ-P14J162U Datasheet
135Kb / 5P
Anti-Surge Thick Film Chip Resistors
ERJ-T08J1R0V PANASONIC-ERJ-T08J1R0V Datasheet
135Kb / 5P
Anti-Surge Thick Film Chip Resistors
ERJ-P08J100V PANASONIC-ERJ-P08J100V Datasheet
135Kb / 5P
Anti-Surge Thick Film Chip Resistors
ERJ-P14F1002U PANASONIC-ERJ-P14F1002U Datasheet
135Kb / 5P
Anti-Surge Thick Film Chip Resistors
ERJ-P14J220U PANASONIC-ERJ-P14J220U Datasheet
135Kb / 5P
Anti-Surge Thick Film Chip Resistors
ERJ-P06F1003V PANASONIC-ERJ-P06F1003V Datasheet
160Kb / 6P
Anti-Surge Thick Film Chip Resistors
ERJ-P14J2R4U PANASONIC-ERJ-P14J2R4U Datasheet
188Kb / 6P
Anti-Surge Thick Film Chip Resistors
ERJ-P14J6R8U PANASONIC-ERJ-P14J6R8U Datasheet
188Kb / 6P
Anti-Surge Thick Film Chip Resistors
logo
Ohmite Mfg. Co.
ASSERIES OHMITE-ASSERIES Datasheet
639Kb / 2P
Anti-surge Thick Film Chip Resistors
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com