Electronic Components Datasheet Search
  English  ▼

X  

UM81 Datasheet (PDF) - NXP Semiconductors

UM81 Datasheet PDF - NXP Semiconductors
Part # UM81
Download  UM81 Download
File Size   102.31 Kbytes
Page   4 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description TUNING INDICATOR

UM81 Datasheet (PDF)

Go To PDF Page Download Datasheet
UM81 Datasheet PDF - NXP Semiconductors

Part # UM81
Download  UM81 Click to download

File Size   102.31 Kbytes
Page   4 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description TUNING INDICATOR

UM81 Datasheet (HTML) - NXP Semiconductors


UM81 Product details

TUNING INDICATOR

Heating : indirect by A.C. or D.C. seres suppley
   if = 100 mA
   Vf = 19 V




Similar Part No. - UM81

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM810AAP UNIONSEMI-UM810AAP Datasheet
322Kb / 15P
3-Pin Microprocessor Reset Circuits
UM810AAP UNIONSEMI-UM810AAP Datasheet
408Kb / 14P
3-Pin Microprocessor Reset Circuits
UM810AAS UNIONSEMI-UM810AAS Datasheet
322Kb / 15P
3-Pin Microprocessor Reset Circuits
UM810AAS UNIONSEMI-UM810AAS Datasheet
408Kb / 14P
3-Pin Microprocessor Reset Circuits
UM810ABP UNIONSEMI-UM810ABP Datasheet
322Kb / 15P
3-Pin Microprocessor Reset Circuits
More results


Similar Description - UM81

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1450 SANYO-LB1450 Datasheet
68Kb / 4P
LED Tuning Indicator
logo
Siemens Semiconductor G...
BBY24-BBY27 SIEMENS-BBY24-BBY27 Datasheet
15Kb / 2P
Silicon Tuning Varactors (Abrupt junction tuning diode Tuning range 120 V)
logo
Advanced Semiconductor
MV1403 ASI-MV1403 Datasheet
11Kb / 1P
TUNING VARACTOR
REV. A
logo
Toshiba Semiconductor
1SV231 TOSHIBA-1SV231_07 Datasheet
265Kb / 3P
CATV Tuning
1SV232 TOSHIBA-1SV232_07 Datasheet
274Kb / 3P
CATV Tuning
1SV269 TOSHIBA-1SV269_07 Datasheet
275Kb / 3P
CATV Tuning
logo
NXP Semiconductors
EM81 PHILIPS-EM81 Datasheet
65Kb / 4P
TUNING INDICATOR
4.4.1956
UM34 PHILIPS-UM34 Datasheet
102Kb / 3P
TUNING INDICATOR
11.11.1950
logo
List of Unclassifed Man...
EM84 ETC2-EM84 Datasheet
60Kb / 3P
TUNING INDICATOR
logo
NXP Semiconductors
EM80 PHILIPS-EM80 Datasheet
66Kb / 4P
TUNING INDICATOR for A.M. receivers
11.11.1954
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com