Electronic Components Datasheet Search
  English  ▼

X  

703-0097 Datasheet (PDF) - Multicomp Pro

703-0097 Datasheet PDF - Multicomp Pro
Part # 703-0097
Download  703-0097 Download
File Size   266.56 Kbytes
Page   3 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description 5mm Round LED Lamp

703-0097 Datasheet (PDF)

Go To PDF Page Download Datasheet
703-0097 Datasheet PDF - Multicomp Pro

Part # 703-0097
Download  703-0097 Click to download

File Size   266.56 Kbytes
Page   3 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description 5mm Round LED Lamp

703-0097 Datasheet (HTML) - Multicomp Pro


703-0097 Product details

[Features]
• Green lamp
• Made with GaP / GaP chip and green clear epoxy resin
All dimensions are in mm
Tolerance: ±0.25mm
Absolute Maximum Ratings at Ta=25°C
Parameter Symbol Rating Unit
Power Dissipation Pd 78 mW
Reverse Voltage Vr 5 V
D.C. Forward Current If 30 mA
Reverse (Leakage) Current Ir 100 μA
Peak Current (1 / 10 Duty Cycle, 0.1ms Pulse Width) If (Peak) 100 mA
Operating Temperature Range Topr -25 to + 85 °C
Storage Temperature Range Tstg -40 to +100 °C
Soldering Temperature (1.6mm from body) Tsol Dip Soldering: 260°C for 5sec.
Hand Soldering: 350°C for 3sec.




Similar Part No. - 703-0097

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
703-0090 MULTICOMP-703-0090 Datasheet
225Kb / 3P
3mm Round LED Lamp
20/09/19
703-0091 MULTICOMP-703-0091 Datasheet
283Kb / 3P
3mm Round LED Lamp
20/09/19
703-0098 MULTICOMP-703-0098 Datasheet
267Kb / 3P
5mm Round LED Lamp
20/09/19
More results


Similar Description - 703-0097

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP9294QBC-G KINGBRIGHT-WP9294QBC-G_15 Datasheet
323Kb / 6P
5mm ROUND LED LAMP
WP9294SECK-J3 KINGBRIGHT-WP9294SECK-J3_15 Datasheet
318Kb / 6P
5mm ROUND LED LAMP
WP9294SYCK-J3 KINGBRIGHT-WP9294SYCK-J3_15 Datasheet
319Kb / 6P
5mm ROUND LED LAMP
WP9294ZGC-G KINGBRIGHT-WP9294ZGC-G_15 Datasheet
325Kb / 6P
5mm ROUND LED LAMP
logo
BetLux Electronics
BL-L513 BETLUX-BL-L513 Datasheet
234Kb / 4P
5mm Round Type LED lamp
REV NO: V.2
logo
Kingbright Corporation
WP9294QBC-D KINGBRIGHT-WP9294QBC-D Datasheet
321Kb / 5P
5mm Round LED Lamp
WP9294QBC-G KINGBRIGHT-WP9294QBC-G Datasheet
420Kb / 6P
5mm ROUND LED LAMP
WP9294SECK-J3 KINGBRIGHT-WP9294SECK-J3 Datasheet
321Kb / 5P
5mm Round LED Lamp
WP9294SYCK-J3 KINGBRIGHT-WP9294SYCK-J3 Datasheet
320Kb / 5P
5mm Round LED Lamp
WP9294ZGC-G KINGBRIGHT-WP9294ZGC-G Datasheet
321Kb / 5P
5mm Round LED Lamp
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com