Electronic Components Datasheet Search
  English  ▼

X  

509-0002 Datasheet (PDF) - Multicomp Pro

509-0002 Datasheet PDF - Multicomp Pro
Part # 509-0002
Download  509-0002 Download
File Size   171.39 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description ESD Safe Glove with Dotted Palm and Fingers

509-0002 Datasheet (PDF)

Go To PDF Page Download Datasheet
509-0002 Datasheet PDF - Multicomp Pro

Part # 509-0002
Download  509-0002 Click to download

File Size   171.39 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description ESD Safe Glove with Dotted Palm and Fingers

509-0002 Datasheet (HTML) - Multicomp Pro


509-0002 Product details

[Features]
• PVC Dotting Palm non-slip properties
• Good Elasticity
• Excellent Sweat
• Washable
• Absorbency
• Good ventilation
• Delicate round tip finishing
• Surface Resistivity: 10-6 /ohms sq
• Micro-electronics
• Assembly
• Packing
ESD Safe Gloves have a non-slip silicon coated surface with delicate round tip finishing.
ESD Safe Gloves are manufactured from an elastic, non-bright processed fabric containing a continuous filament knitted with
a carbon core.
ESD Safe Gloves with Silicon Dotted Palm and Fingers have excellent sweat absorbency and are extremely comfortable due
to the use of 100% cotton lining in their manufacture.
Palm: PVC embossed and 100% Cotton Lining
Back: 100% polyester with conductive carbon line every 10mm




Similar Part No. - 509-0002

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
509-0003 MULTICOMP-509-0003 Datasheet
171Kb / 1P
ESD Safe Glove with Dotted Palm and Fingers
08/07/22
509-0004 MULTICOMP-509-0004 Datasheet
171Kb / 1P
ESD Safe Glove with Dotted Palm and Fingers
08/07/22
509-0006 MULTICOMP-509-0006 Datasheet
173Kb / 1P
ESD PU Palm Glove
06/07/22
509-0007 MULTICOMP-509-0007 Datasheet
173Kb / 1P
ESD PU Palm Glove
06/07/22
More results


Similar Description - 509-0002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
68121 ETC2-68121 Datasheet
531Kb / 1P
ESD Inspection Glove
27515 ETC2-27515 Datasheet
171Kb / 1P
Wiha Precision ESD Safe Hex Drivers
27305 ETC2-27305 Datasheet
152Kb / 2P
Precision ESD Safe Conductive Drivers
27899 ETC2-27899 Datasheet
171Kb / 1P
Precision ESD Safe TORX Drivers
logo
Pepperl+Fuchs Inc.
PB1-008-6 PF-PB1-008-6 Datasheet
239Kb / 2P
Palm Button
PB1-010-9 PF-PB1-010-9 Datasheet
242Kb / 2P
Palm Button
PB2-008-6 PF-PB2-008-6 Datasheet
240Kb / 2P
Palm Button
logo
SparkFun Electronics
TOL-10602 SPARKFUN-TOL-10602 Datasheet
107Kb / 1P
Tweezers ??Curved (ESD Safe)
5??6??7
TOL-10603 SPARKFUN-TOL-10603 Datasheet
99Kb / 1P
Tweezers ??Straight (ESD Safe)
5??6??7
TOL-12573 SPARKFUN-TOL-12573 Datasheet
68Kb / 1P
Tweezers - Straight (cross-lock, ESD Safe)
5??5??7
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com