Electronic Components Datasheet Search
  English  ▼

X  

309-0045 Datasheet (PDF) - Multicomp Pro

309-0045 Datasheet PDF - Multicomp Pro
Part # 309-0045
Download  309-0045 Download
File Size   182.54 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Compact Heat Sealer 150mm

309-0045 Datasheet (PDF)

Go To PDF Page Download Datasheet
309-0045 Datasheet PDF - Multicomp Pro

Part # 309-0045
Download  309-0045 Click to download

File Size   182.54 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Compact Heat Sealer 150mm

309-0045 Datasheet (HTML) - Multicomp Pro


309-0045 Product details

[Description]
The product is a handheld constant Compact Heat Sealer for PE/PP/PVC 150mm×2mm seal.

[Features]
• Lightweight but robust with an adjustable temperature control for sealing most films up to 2×600 gauge
• Seal 150mm wide × 2mm deep
• Weights 650g requires 230V producing 25 watts
• PCS-150




Similar Part No. - 309-0045

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
309-000X APEX-ELECTRONICS-309-000X Datasheet
175Kb / 3P
Slotted Bits
logo
Multicomp Pro
309-0010 MULTICOMP-309-0010 Datasheet
108Kb / 1P
Heat Sealer Spares
29/07/22 V1.0
309-0025 MULTICOMP-309-0025 Datasheet
148Kb / 1P
Heat Sealer
29/07/22
logo
Apex Electronics Co., L...
309-00X APEX-ELECTRONICS-309-00X Datasheet
175Kb / 3P
Slotted Bits
More results


Similar Description - 309-0045

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL3210 ETC1-GL3210 Datasheet
27Kb / 2P
ULTRA-HIDE Aquacrylic GRIPPER Stain Killer Primer-Sealer
logo
3M Electronics
08374 3M-08374 Datasheet
151Kb / 5P
3M™ Ultrapro™ MSP Sprayable Seam Sealer
24-Feb-2004
logo
Infineon Technologies A...
SP000091117 INFINEON-SP000091117 Datasheet
202Kb / 2P
Lichtwellenleiter LTT 150mm,172mm Fiber-optic cables LTT 150mm,172mm
2012-05-03 Revision: 2.0
logo
Molex Electronics Ltd.
151340202 MOLEX-151340202 Datasheet
151Kb / 1P
Picoblade 2 Circuit 150MM
2016/07/28
151340302 MOLEX-151340302 Datasheet
152Kb / 1P
Picoblade 3 Circuit 150MM
2016/07/28
151340402 MOLEX-151340402 Datasheet
152Kb / 1P
Picoblade 4 Circuit 150MM
2016/07/28
451320601 MOLEX-451320601 Datasheet
250Kb / 1P
Microfit 6 Circuit 150MM
2016/04/20
451350401 MOLEX-451350401 Datasheet
213Kb / 1P
Minifit 4 Circuit 150MM
2016/04/20
2166221031 MOLEX-2166221031 Datasheet
365Kb / 1P
SQUBA3.6 P-P 3CKT 150MM Sn
2020/07/08
797582147 MOLEX-797582147 Datasheet
136Kb / 1P
MINILOCK TIN PLATED 150MM 22AWG
2019/06/11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com