Electronic Components Datasheet Search
  English  ▼

X  

PSMN3R2-40YLB Datasheet (PDF) - Nexperia B.V. All rights reserved

PSMN3R2-40YLB Datasheet PDF - Nexperia B.V. All rights reserved
Part # PSMN3R2-40YLB
Download  PSMN3R2-40YLB Download
File Size   318.75 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description N-channel 40 V, 3.3 mOhm, 120 A logic level MOSFET

PSMN3R2-40YLB Datasheet (PDF)

Go To PDF Page Download Datasheet
PSMN3R2-40YLB Datasheet PDF - Nexperia B.V. All rights reserved

Part # PSMN3R2-40YLB
Download  PSMN3R2-40YLB Click to download

File Size   318.75 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description N-channel 40 V, 3.3 mOhm, 120 A logic level MOSFET

PSMN3R2-40YLB Datasheet (HTML) - Nexperia B.V. All rights reserved


PSMN3R2-40YLB Product details

General description
120 A, logic level gate drive N-channel enhancement mode MOSFET in 175 °C LFPAK56 package,
using advanced TrenchMOS Superjunction technology with optimization to provide improved EMC
performance (up to 6 dB). This product has been designed and qualified for high performance
power switching applications.
Features and benefits
• Optimized for improved EMC Performance
• 120 A continuous ID(max) rating
• Avalanche rated, 100% tested at IAS = 120 A
• Strong SOA (linear-mode) rating
• NextPowerS3 technology delivers 'superfast switching with soft body-diode recovery'
• Low Qrr, QG and QGD for high system efficiency and low EMI designs
• Schottky-Plus body-diode with low VSD, low Qrr, soft recovery and low IDSS leakage
• Optimized for 4.5 V gate drive utilizing NextPowerS3 Superjunction technology
• High reliability LFPAK (Power SO8) package, with copper-clip and solder die attach, qualified to
175 °C
• Exposed leads can be wave soldered, visual solder joint inspection and high quality solder
joints providing excellent board level reliability
• Low parasitic inductance and resistance
Applications
• Automation, control and instrumentation
• Autonomous systems, Robotics and Cobots
• DC-to-DC converters
• Brushless DC motor control
• Brushed motors
• Battery isolation
• Industrial load-switch and eFuse
• Inrush management, hotswap




Similar Part No. - PSMN3R2-40YLB

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN3R2-40YLD NEXPERIA-PSMN3R2-40YLD Datasheet
311Kb / 13P
N-channel 40 V, 3.3 mΩ, 120 A logic level MOSFET in LFPAK56 using NextPower-S3 Schottky-Plus technology
26 August 2019
PSMN3R2-40YLD NEXPERIA-PSMN3R2-40YLD Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
PSMN3R2-40YLD NEXPERIA-PSMN3R2-40YLD Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
January 2020
PSMN3R2-40YLDX NEXPERIA-PSMN3R2-40YLDX Datasheet
311Kb / 13P
N-channel 40 V, 3.3 mΩ, 120 A logic level MOSFET in LFPAK56 using NextPower-S3 Schottky-Plus technology
26 August 2019
More results


Similar Description - PSMN3R2-40YLB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN1R0-30YLC NXP-PSMN1R0-30YLC Datasheet
248Kb / 15P
N-channel 30 V 1.15 mOHM logic level MOSFET in LFPAK
Rev. 02-23 November 2010
logo
Nexperia B.V. All right...
BUK7S0R5-40H NEXPERIA-BUK7S0R5-40H Datasheet
323Kb / 13P
N-channel 40 V, 0.5 mOhm standard level MOSFET in LFPAK88
6 April 2021
BUK9K13-40H NEXPERIA-BUK9K13-40H Datasheet
311Kb / 12P
Dual N-channel 40 V, 13 mOhm logic level MOSFET in LFPAK56D
11 February 2021
BUK9M3R3-40H NEXPERIA-BUK9M3R3-40H Datasheet
282Kb / 11P
N-channel 40 V, 3.3 mΩ logic level MOSFET in LFPAK33
29 January 2019
BUK9V13-40H NEXPERIA-BUK9V13-40H Datasheet
310Kb / 13P
Dual N-channel 40 V, 13 mOhm logic level MOSFET in LFPAK56D (half-bridge configuration)
11 February 2021
PSMN014-40HLD NEXPERIA-PSMN014-40HLD Datasheet
287Kb / 12P
N-channel 40 V, 13.6 mOhm, logic level MOSFET in LFPAK56D using NextPowerS3 technology
26 September 2022
PSMN6R1-40HL NEXPERIA-PSMN6R1-40HL Datasheet
340Kb / 12P
N-channel 40 V, 7.2 mOhm, logic level MOSFET in LFPAK56D using TrenchMOS technology
30 September 2022
PSMN8R0-40HL NEXPERIA-PSMN8R0-40HL Datasheet
345Kb / 12P
N-channel 40 V, 9.4 mOhm, logic level MOSFET in LFPAK56D using TrenchMOS technology
30 September 2022
PSMN3R2-40YLD NEXPERIA-PSMN3R2-40YLD Datasheet
311Kb / 13P
N-channel 40 V, 3.3 mΩ, 120 A logic level MOSFET in LFPAK56 using NextPower-S3 Schottky-Plus technology
26 August 2019
PSMNR90-40YSN NEXPERIA-PSMNR90-40YSN Datasheet
231Kb / 10P
N-channel 40 V, 1 mOhm, standard level MOSFET in LFPAK56
18 April 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com