Electronic Components Datasheet Search
  English  ▼

X  

PF3000 Datasheet (PDF) - NXP Semiconductors

PF3000 Datasheet PDF - NXP Semiconductors
Part # PF3000
Download  PF3000 Download
File Size   3225.2 Kbytes
Page   122 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Power management integrated

PF3000 Datasheet (PDF)

Go To PDF Page Download Datasheet
PF3000 Datasheet PDF - NXP Semiconductors

Part # PF3000
Download  PF3000 Click to download

File Size   3225.2 Kbytes
Page   122 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Power management integrated

PF3000 Datasheet (HTML) - NXP Semiconductors


PF3000 Product details

Features:
•Four adjustable high efficiency buck regulators: 1.75 A, 1.5 A, 1.25 A, 1.0 A
•Selectable modes: PWM, PFM, APS
•5.0 V, 600 mA boost regulator with PFM or auto mode
•Six adjustable general purpose linear regulators
•Input voltage range: 2.8 V to 4.5 V or 3.7 V to 5.5 V
•OTP (One Time Programmable) memory for device configuration
•Programmable start-up sequence and timing
•Selectable output voltage, frequency, soft start
•I2C control
•Coin cell charger and always ON RTC supply
•DDR reference voltage
•-40 °C to +125 °C operating junction temperature
Applications
•Tablets•eReaders•Wearables•POS terminals•Industrial control•Medical monitoring•Home automation•Home security/energy managementEP
2General description
The PF3000 is the power management integrated circuit (PMIC) designed primarily for use with NXP’s i.MX 7 series of multi-media application processors. It is also capable of providing full power solution to i.MX 6SL/SX/UL processors.
2.1Features
This section summarizes the PF3000 features.
•Input voltage range to PMIC: 2.8 V to 4.5 V, or 3.7 V to 5.5 V (3)
•Buck regulators
•Configurable three to four channels
•SW1A/B, 2.75 A (single); 0.7 V to 1.425 V, 1.8 V, 3.3 V
•SW1A, 1.0 A (independent); 0.7 V to 1.425 V, 1.8 V, 3.3 V
•SW1B 1.75 A (independent); 0.7 V to 1.475 V
•SW2, 1.25 A; 1.50 V to 1.85 V or 2.50 V to 3.30 V
•SW3, 1.5 A; 0.90 V to 1.65 V
•Dynamic voltage scaling
•Modes: PWM, PFM, APS
•Programmable output voltage
•Programmable current limit
•Programmable soft start sequence
•Programmable PWM switching frequency
•Boost regulator
•SWBST, 5.0 to 5.15 V, 0.6 A, OTG support
•Modes: PFM and Auto
•OCP fault interrupt
•LDOs
•VCC_SD, 1.8 V to 1.85 V or 2.85 V to 3.30 V, 100 mA based on SD_VSEL
•V33, 2.85 V to 3.30 V, 350 mA
•VLDO1, 1.8 V to 3.3 V, 100 mA
•VLDO2, 0.80 V to 1.55 V, 250 mA
•VLDO3, 1.8 V to 3.3 V, 100 mA
•VLDO4, 1.8 V to 3.3 V, 350 mA
•Always ON RTC Regulator/Switch VSNVS 3.0 V, 1.0 mA
•DDR memory reference voltage, VREFDDR, 0.5 V to 0.9 V, 10 mA
•OTP (One time programmable) memory for device configuration, user-programmable start-up sequence and timing
•Battery backed memory including coin cell charger
•I2C interface
•User programmable standby, sleep/LPSR, and Off modes




Similar Part No. - PF3000

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PF3000 HAMMOND-PF3000 Datasheet
100Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
logo
NXP Semiconductors
PF3000 NXP-PF3000 Datasheet
242Kb / 3P
POWER MANAGEMENT INTEGRATED CIRCUITS (PMICS)
REV 8
logo
Hammond Manufacturing L...
PF3000230 HAMMOND-PF3000230 Datasheet
100Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results


Similar Description - PF3000

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13181 MOTOROLA-MC13181 Datasheet
213Kb / 18P
Wireless Power Management Integrated Circuit
logo
Texas Instruments
TPS65950 TI-TPS65950_1 Datasheet
180Kb / 8P
Integrated Power Management/Audio Codec
logo
Freescale Semiconductor...
MC13892_1107 FREESCALE-MC13892_1107 Datasheet
5Mb / 158P
Power Management Integrated
logo
Texas Instruments
TPS65951 TI1-TPS65951 Datasheet
1Mb / 170P
Integrated Power Management/Audio Codec
TPS659119-Q1 TI1-TPS659119-Q1 Datasheet
1Mb / 132P
Automotive Integrated Power-Management Unit
logo
Rohm
BD71837MWV ROHM-BD71837MWV Datasheet
3Mb / 131P
Power Management Integrated Circuit
BD71847AMWV ROHM-BD71847AMWV Datasheet
3Mb / 120P
Power Management Integrated Circuit
BD71837AMWV ROHM-BD71837AMWV Datasheet
1Mb / 129P
Power Management Integrated Circuit
16.Mar.2020 Rev.003
logo
NXP Semiconductors
PMICFS NXP-PMICFS Datasheet
242Kb / 3P
POWER MANAGEMENT INTEGRATED CIRCUITS (PMICS)
REV 8
logo
Rohm
BD71850MWV ROHM-BD71850MWV Datasheet
1Mb / 119P
Power Management Integrated Circuit
16.Mar.2020 Rev.002
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com