Electronic Components Datasheet Search
  English  ▼

X  

2170615 Datasheet (PDF) - Lapp.

2170615 Datasheet PDF - Lapp.
Part # 2170615
Download  2170615 Download
File Size   81.32 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description UNITRONIC® LAN 1200 S/FTP Cat. 7A LSZH 4x2xAWG 22/1

2170615 Datasheet (PDF)

Go To PDF Page Download Datasheet
2170615 Datasheet PDF - Lapp.

Part # 2170615
Download  2170615 Click to download

File Size   81.32 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description UNITRONIC® LAN 1200 S/FTP Cat. 7A LSZH 4x2xAWG 22/1

2170615 Datasheet (HTML) - Lapp.


2170615 Product details

Application
Data cable for transmission of digital and analog signals up to 1200 MHz. It is designed for horizontal cablings subsystems
as connection between a floor distribution and the telecommunication outlets (TO’s). Acc. to TIA/EIA-568,
ISO/IEC 11801 2nd edition, EN 50173, EN 50288-4-1, IEC 61156-5. For application in LANs like IEEE 802.3: 10Base-T,
100Base-T, 1000Base-T, 10GBase-T; IEEE 802.3at: suitable for PoE; FDDI; ISDN; ATM; Cable Sharing.




Similar Part No. - 2170615

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2170615-1 TEC-2170615-1 Datasheet
1Mb / 5P
THIS DRAWING IS A CONTROLLED DOCUMENT.
2170615-2 TEC-2170615-2 Datasheet
1Mb / 5P
THIS DRAWING IS A CONTROLLED DOCUMENT.
2170615-3 TEC-2170615-3 Datasheet
1Mb / 5P
THIS DRAWING IS A CONTROLLED DOCUMENT.
2170615-4 TEC-2170615-4 Datasheet
1Mb / 5P
THIS DRAWING IS A CONTROLLED DOCUMENT.
More results


Similar Description - 2170615

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1888ENC BELDEN-1888ENC Datasheet
169Kb / 3P
Category 7A Enhanced Cable, 4 Pair, S/FTP, LSZH Indoor IEC60332-3-24
2022 Belden, Inc
MA6ASFL BELDEN-MA6ASFL Datasheet
167Kb / 3P
MarineTuff Cat 6A, S/FTP, 4 Pr 23 BC,FMPE Ins, LSZH, Indoor, LR certified
2022 Belden, Inc
logo
Lapp.
0028202 LAPP-0028202 Datasheet
63Kb / 1P
UNITRONIC® LiYY
2021-04-06
0032202 LAPP-0032202 Datasheet
63Kb / 1P
UNITRONIC® LiYCY-CY
01.01.2019
0037100 LAPP-0037100 Datasheet
67Kb / 2P
UNITRONIC® LiHH
2021-08-17
0037302 LAPP-0037302 Datasheet
67Kb / 2P
UNITRONIC® LiHCH
2021-08-17
0034302 LAPP-0034302 Datasheet
65Kb / 1P
UNITRONIC® LiYCY
2021-04-06
7038897 LAPP-7038897 Datasheet
73Kb / 1P
UNITRONIC® ROBUST S/A FD
01.01.2019
UDB302402 LAPP-UDB302402 Datasheet
102Kb / 2P
UNITRONIC® 300 S
May 15, 2019
UDB602802 LAPP-UDB602802 Datasheet
38Kb / 2P
UNITRONIC® 190
January 1, 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com