Electronic Components Datasheet Search
  English  ▼

X  

2170466 Datasheet (PDF) - Lapp.

2170466 Datasheet PDF - Lapp.
Part # 2170466
Download  2170466 Download
File Size   247.23 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description ETHERLINE® H CAT. 6A 4x2x22/1 AWG

2170466 Datasheet (PDF)

Go To PDF Page Download Datasheet
2170466 Datasheet PDF - Lapp.

Part # 2170466
Download  2170466 Click to download

File Size   247.23 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description ETHERLINE® H CAT. 6A 4x2x22/1 AWG

2170466 Datasheet (HTML) - Lapp.


2170466 Product details

Application
Field of use: Installation cable for cabling systems acc. to ISO/IEC 11801 and
EN 50173. Meeting the transmission requirements of IEC 61156-5,
Category 6A and EN 50288-10-1. Compliant to the "PROFINET
Cabling and Interconnection Technology" guideline.
Performance: 4-pair, screened foiled twisted pair cable (S/FTP), having a
nominal impedance of 100 Ω, supporting a bandwidth of
10 Gbit/s (e.g. 100BASE-T, 1000BASE-T, 2.5GBASE-T, 5GBASE-T,
10GBASE-T) over up to 100 m.
Characteristics: Flame retardant, no flame propagation, halogen free
Applications: PROFINET, EtherCAT, EtherNet/IP, PoE (IEEE 802.3af),
PoE+ (IEEE 802.3at), PPoE (IEEE 802.3bt) and others




Similar Part No. - 2170466

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170464 LAPP-2170464 Datasheet
246Kb / 2P
ETHERLINE™ Y Cat. 6A 4x2x22/1 AWG
09.08.2021
2170465 LAPP-2170465 Datasheet
240Kb / 2P
ETHERLINE® P CAT. 6A 4x2x22/1 AWG
09.08.2021
More results


Similar Description - 2170466

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170464 LAPP-2170464 Datasheet
246Kb / 2P
ETHERLINE™ Y Cat. 6A 4x2x22/1 AWG
09.08.2021
2170474 LAPP-2170474 Datasheet
245Kb / 2P
ETHERLINE® Cat. 7 Y ‘ 4x2x22/1 AWG
09.08.2021
2170484 LAPP-2170484 Datasheet
269Kb / 2P
ETHERLINE® FD P CAT.6A 4x2xAWG24/7
01.01.2019
2170280 LAPP-2170280 Datasheet
259Kb / 2P
ETHERLINE® H Cat.5¢ 2x2xAWG24
01.01.2019
2170283 LAPP-2170283 Datasheet
302Kb / 2P
ETHERLINE H Flex Cat. 5e 2x2x26/7 AWG
2023-07-31
2170496 LAPP-2170496 Datasheet
234Kb / 2P
ETHERLINE® Cat.5 ARM 1x4x22/1 AWG
30.03.2021
2170583 LAPP-2170583 Datasheet
233Kb / 2P
ETHERLINE® PN Cat.6A Y FC 4x2x23/1AWG
13.01.2020
2170584 LAPP-2170584 Datasheet
239Kb / 2P
ETHERLINE® PN CAT.6A FRNC FC 4x2x23/1 AWG
15.07.2020
2170893 LAPP-2170893 Datasheet
234Kb / 2P
ETHERLINE® Y FC Cat.5 2x2x22/1 AWG
30.03.2021
2170930 LAPP-2170930 Datasheet
274Kb / 2P
ETHERLINE® PN Cat.6A Y FLEX
01.01.2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com